Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC1320EUA Datasheet(PDF) 7 Page - Microchip Technology

Part # TC1320EUA
Description  8-Bit Digital-to-Analog Converter with Two-Wire Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1320EUA Datasheet(HTML) 7 Page - Microchip Technology

Back Button TC1320EUA Datasheet HTML 3Page - Microchip Technology TC1320EUA Datasheet HTML 4Page - Microchip Technology TC1320EUA Datasheet HTML 5Page - Microchip Technology TC1320EUA Datasheet HTML 6Page - Microchip Technology TC1320EUA Datasheet HTML 7Page - Microchip Technology TC1320EUA Datasheet HTML 8Page - Microchip Technology TC1320EUA Datasheet HTML 9Page - Microchip Technology TC1320EUA Datasheet HTML 10Page - Microchip Technology TC1320EUA Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
 2002-2012 Microchip Technology Inc.
DS21386C-page 7
TC1320
4.0
SERIAL PORT OPERATION
The Serial Clock input (SCL) and bi-directional data
port (SDA) form a 2-wire bi-directional serial port for
programming and interrogating the TC1320. The
following conventions are used in this bus architecture:
TABLE 4-1:
TC1320 SERIAL BUS
CONVENTIONS
All transfers take place under control of a host, usually
a CPU or microcontroller, acting as the Master, which
provides the clock signal for all transfers. The TC1320
always operates as a Slave. The serial protocol is illus-
trated in Figure 3-1. All data transfers have two phases;
all bytes are transferred MSB first. Accesses are initi-
ated by a START condition (START), followed by a
device address byte and one or more data bytes. The
device address byte includes a Read/Write selection
bit. Each access must be terminated by a STOP Con-
dition (STOP). A convention called Acknowledge
(ACK) confirms receipt of each byte. Note that SDA can
change only during periods when SCL is LOW (SDA
changes while SCL is HIGH is reserved for START and
STOP Conditions).
4.1
START Condition (START)
The TC1320 continuously monitors the SDA and SCL
lines for a START condition (a HIGH to LOW transition
of SDA while SCL is HIGH), and will not respond until
this condition is met.
4.2
Address Byte
Immediately following the START Condition, the host
must transmit the address byte to the TC1320. The
7-bit SMBus address for the TC1320 is 1001000. The
7-bit address transmitted in the serial bit stream must
match for the TC1320 to respond with an Acknowledge
(indicating the TC1320 is on the bus and ready to
accept data). The eighth bit in the Address Byte is a
Read/Write bit. This bit is a 1 for a read operation, or 0
for a write operation. During the first phase of any
transfer, this bit will be set = 0 to indicate that the
command byte is being written.
4.3
Acknowledge (ACK)
Acknowledge (ACK) provides a positive handshake
between the host and the TC1320. The host releases
SDA after transmitting eight bits, then generates a ninth
clock cycle to allow the TC1320 to pull the SDA line
LOW to Acknowledge that it successfully received the
previous eight bits of data or address.
4.4
Data Byte
After a successful ACK of the address byte, the host
must transmit the data byte to be written, or clock out
the data to be read. (See the appropriate timing dia-
grams.) ACK will be generated after a successful write
of a data byte into the TC1320.
4.5
STOP Condition (STOP)
Communications must be terminated by a STOP con-
dition (a LOW to HIGH transition of SDA while SCL is
HIGH). The STOP Condition must be communicated
by the transmitter to the TC1320. Refer to Figure 4-1,
Timing Diagrams for serial bus timing.
Term
Explanation
Transmitter The device sending data to the bus.
Receiver
The device receiving data from the bus.
Master
The device which controls the bus: initiating
transfers (START), generating the clock, and
terminating transfers (STOP).
Slave
The device addressed by the master.
START
A unique condition signaling the beginning of
a transfer indicated by SDA falling
(High - Low) while SCL is high.
STOP
A unique condition signaling the end of a
transfer indicated by SDA rising (Low - High)
while SCL is high.
ACK
A Receiver Acknowledges the receipt of each
byte with this unique condition. The Receiver
drives SDA low during SCL high of the ACK
clock pulse. The Master provides the clock
pulse for the ACK cycle.
Busy
Communication is not possible because the
bus is in use.
Not Busy
When the bus is IDLE, both SDA and SCL will
remain high.
Data Valid
The state of SDA must remain stable during
the High period of SCL in order for a data bit
to be considered valid. SDA only changes
state while SCL is low during normal data
transfers. (See START and STOP conditions.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com