Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC1320EUA Datasheet(PDF) 8 Page - Microchip Technology

Part # TC1320EUA
Description  8-Bit Digital-to-Analog Converter with Two-Wire Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1320EUA Datasheet(HTML) 8 Page - Microchip Technology

Back Button TC1320EUA Datasheet HTML 4Page - Microchip Technology TC1320EUA Datasheet HTML 5Page - Microchip Technology TC1320EUA Datasheet HTML 6Page - Microchip Technology TC1320EUA Datasheet HTML 7Page - Microchip Technology TC1320EUA Datasheet HTML 8Page - Microchip Technology TC1320EUA Datasheet HTML 9Page - Microchip Technology TC1320EUA Datasheet HTML 10Page - Microchip Technology TC1320EUA Datasheet HTML 11Page - Microchip Technology TC1320EUA Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
TC1320
DS21386C-page 8
 2002-2012 Microchip Technology Inc.
FIGURE 4-1:
TIMING DIAGRAMS
4.6
Register Set and Programmer’s
Model
TABLE 4-2:
TC1320 COMMAND SET
(SMBus READ_BYTE AND
WRITE_BYTE)
TABLE 4-3:
CONFIGURATION REGISTER
(CONFIG), 8-BIT, READ/WRITE
tSU(START) tH(START)
tSU-DATA
tSU(STOP)
tIDLE
A = START Condition
B = MSB of Address Clocked into Slave
C = LSB of Address Clocked into Slave
D = R/W Bit Clocked into Slave
A
SMBus Write Timing Diagram
SMBUS Read Timing Diagram
B
CD
E
F
G
H
IJ
K
E = Slave Pulls SDA Line Low
F = Acknowledge Bit Clocked into Master
G = MSB of Data Clocked into Master
H = LSB of Data Clocked into Master
ILOW IHIGH
I = Acknowledge Clock Pulse
J = STOP Condition
K = New START Condition
SCL
SDA
tSU(START) tH(START)
tSU-DATA
tH-DATA
tSU(STOP) tIDLE
A = START Condition
B = MSB of Address Clocked into Slave
C = LSB of Address Clocked into Slave
D = R/W Bit Clocked into Slave
E = Slave Pulls SDA Line Low
A
B
CD
E
F
G
H
I
J
KL
M
F = Acknowledge Bit Clocked into Master
G = MSB of Data Clocked into Slave
H = LSB of Data Clocked into Slave
I = Slave Pulls SDA Line Low
J = Acknowledge Clocked into Master
K = Acknowledge Clock Pulse
L = STOP Condition, Data Executed by Slave
M = New START Condition
ILOW IHIGH
SCL
SDA
Command Byte Description
Command
Code
Function
RWD
00h
Read/Write Data (DATA)
RWCR
01h
Read/Write Configuration
(CONFIG)
Configuration Register (CONFIG)
D[7] D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
Reserved
SHDN
Bit
POR
Function
Type
Operation
D[0]
0
Standby Switch
Read/
Write
1 = Standby
0 = Normal
D[7]-D[1]
0
Reserved;
Always returns
Zero when Read
N/A
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com