Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5241BRUZ10-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # AD5241BRUZ10-R7
Description  I2C-Compatible, 256-Position Digital Potentiometers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5241BRUZ10-R7 Datasheet(HTML) 5 Page - Analog Devices

  AD5241BRUZ10-R7 Datasheet HTML 1Page - Analog Devices AD5241BRUZ10-R7 Datasheet HTML 2Page - Analog Devices AD5241BRUZ10-R7 Datasheet HTML 3Page - Analog Devices AD5241BRUZ10-R7 Datasheet HTML 4Page - Analog Devices AD5241BRUZ10-R7 Datasheet HTML 5Page - Analog Devices AD5241BRUZ10-R7 Datasheet HTML 6Page - Analog Devices AD5241BRUZ10-R7 Datasheet HTML 7Page - Analog Devices AD5241BRUZ10-R7 Datasheet HTML 8Page - Analog Devices AD5241BRUZ10-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AD5241/AD5242
Rev. C | Page 5 of 20
TIMING DIAGRAMS
t8
t1
t8
t3
t2
t2
t9
t5
SDA
SCL
t10
S
P
t7
t4
S
P
t6
Figure 3. Detail Timing Diagram
Data of AD5241/AD5242 is accepted from the I2C bus in the following serial format.
Table 2.
S
0
1
0
1
1
AD1
AD0
R/W
A
A/B
RS
SD
O1
O2
X
X
X
A
D7
D6
D5
D4
D3
D2
D1
D0
A
P
Slave Address Byte
Instruction Byte
Data Byte
where:
S = start condition
P = stop condition
A = acknowledge
X = don’t care
AD1, AD0 = Package pin programmable address bits. Must be matched with the logic states at Pins AD1 and AD0.
R/W = Read enable at high and output to SDA. Write enable at low.
A/B = RDAC subaddress select; 0 for RDAC1 and 1 for RDAC2.
RS = Midscale reset, active high.
SD = Shutdown in active high. Same as SHDN except inverse logic.
O1, O2 = Output logic pin latched values
D7, D6, D5, D4, D3, D2, D1, D0 = data bits.
1
1
1
9
9
9
0
1
0
1
A/B
D0
D4
D5
D6
D7
D3
D2
D1
ACK BY
AD5241
ACK BY
AD5241
ACK BY
AD5241
STOP BY
MASTER
START BY
MASTER
FRAME 1
SLAVE ADDRESS BYTE
FRAME 2
INSTRUCTION BYTE
FRAME 3
DATA BYTE
SDA
1
AD1
AD0
R/W
SCL
X
X
X
2
1
SD
RS
O
O
Figure 4. Writing to the RDAC Serial Register
1
9
1
9
0
1
0
11
D7
ACK BY
AD5241
NO ACK BY
MASTER
STOP BY
MASTER
START BY
MASTER
FRAME 1
SLAVE ADDRESS BYTE
FRAME 2
DATA BYTE FROM PREVIOUSLY SELECTED
RDAC REGISTER IN WRITE MODE
SCL
SDA
D6
D5
D4
D3
D2
D1
D0
AD1
AD0
R/W
Figure 5. Reading Data from a Previously Selected RDAC Register in Write Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com