Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5241BRUZ10-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # AD5241BRUZ10-R7
Description  I2C-Compatible, 256-Position Digital Potentiometers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5241BRUZ10-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5241BRUZ10-R7 Datasheet HTML 2Page - Analog Devices AD5241BRUZ10-R7 Datasheet HTML 3Page - Analog Devices AD5241BRUZ10-R7 Datasheet HTML 4Page - Analog Devices AD5241BRUZ10-R7 Datasheet HTML 5Page - Analog Devices AD5241BRUZ10-R7 Datasheet HTML 6Page - Analog Devices AD5241BRUZ10-R7 Datasheet HTML 7Page - Analog Devices AD5241BRUZ10-R7 Datasheet HTML 8Page - Analog Devices AD5241BRUZ10-R7 Datasheet HTML 9Page - Analog Devices AD5241BRUZ10-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD5241/AD5242
Rev. C | Page 6 of 20
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
VDD to GND
−0.3 V to +7 V
VSS to GND
0 V to −7 V
VDD to VSS
7 V
VA, VB, VW to GND
VSS to VDD
IA, IB, IW
RAB = 10 kΩ in TSSOP-14
5.0 mA1
RAB = 100 kΩ in TSSOP-14
1.5 mA1
RAB = 1 MΩ in TSSOP-14
0.5 mA1
Digital Input Voltage to GND
0 V to VDD + 0.3 V
Operating Temperature Range
−40°C to +105°C
Thermal Resistance θJA
14-Lead SOIC
158°C/W
16-Lead SOIC
73°C/W
14-Lead TSSOP
206°C/W
16-Lead TSSOP
180°C/W
Maximum Junction Temperature (TJ max)
150°C
Package Power Dissipation
PD = (TJ max − TA)/θJA
Storage Temperature Range
−65°C to +150°C
Lead Temperature
Vapor Phase, 60 sec
215°C
Infrared, 15 sec
220°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
1 Maximum current increases at lower resistance and different packages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com