Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5241BRUZ1M-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # AD5241BRUZ1M-R7
Description  I2C-Compatible, 256-Position Digital Potentiometers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5241BRUZ1M-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD5241BRUZ1M-R7 Datasheet HTML 11Page - Analog Devices AD5241BRUZ1M-R7 Datasheet HTML 12Page - Analog Devices AD5241BRUZ1M-R7 Datasheet HTML 13Page - Analog Devices AD5241BRUZ1M-R7 Datasheet HTML 14Page - Analog Devices AD5241BRUZ1M-R7 Datasheet HTML 15Page - Analog Devices AD5241BRUZ1M-R7 Datasheet HTML 16Page - Analog Devices AD5241BRUZ1M-R7 Datasheet HTML 17Page - Analog Devices AD5241BRUZ1M-R7 Datasheet HTML 18Page - Analog Devices AD5241BRUZ1M-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
AD5241/AD5242
Rev. C | Page 15 of 20
ADDITIONAL PROGRAMMABLE LOGIC OUTPUT
The AD5241/AD5242 feature additional programmable logic
outputs, O1 and O2, that can be used to drive digital load, analog
switches, and logic gates. They can also be used as a self-contained
shutdown preset to Logic 0 that is further explained in the
Shutdown Function section. O1 and O2 default to Logic 0 during
power-up. The logic states of O1 and O2 can be programmed in
Frame 2 under the write mode (see Figure 4). Figure 34 shows
the output stage of O1, which employs large P-channel and N-
channel MOSFETs in push-pull configuration. As shown in
Figure 34, the output is equal to VDD or VSS, and these logic
outputs have adequate current driving capability to drive
milliamperes of load.
IN
1
2
VDD
O1
VSS
MP
MN
O1 DATA IN FRAME 2
OF WRITE MODE
Figure 34. Output Stage of Logic Output, O1
Users can also activate O1 and O2 in the following three different
ways without affecting the wiper settings:
1.
Start, slave address byte, acknowledge, instruction byte
with O1 and O2 specified, acknowledge, stop.
2.
Complete the write cycle with stop, then start, slave address
byte, acknowledge, instruction byte with O1 and O2 specified,
acknowledge, stop.
3.
Do not complete the write cycle by not issuing the stop,
then start, slave address byte, acknowledge, instruction
byte with O1 and O2 specified, acknowledge, stop.
All digital inputs are protected with a series input resistor and
the parallel Zener ESD structures shown in Figure 36. This
applies to the digital input pins, SDA, SCL, and SHDN.
SHUTDOWN FUNCTION
Shutdown can be activated by strobing the SHDN pin or
programming the SD bit in the write mode instruction byte (see
). If the RDAC Register 1 or RDAC Register 2 (AD5242
only) is placed in shutdown mode by the software, SD bit, the
part returns the wiper to its prior position when a new command
is received.
Table 2
In addition, shutdown can be implemented with the device digital
output, as shown in Figure 35. In this configuration, the device
is shutdown during power-up but users are allowed to program
the device. Thus, when O1 is programmed high, the device exits
shutdown mode and responds to the new setting. This self-contained
shutdown function allows absolute shutdown during power-up,
which is crucial in hazardous environments, and it does not add
extra components.
SDA
SHDN
SCL
RPD
O1
Figure 35. Shutdown by Internal Logic Output, O1
340
Ω
LOGIC
VSS
Figure 36. ESD Protection of Digital Pins
A,B,W
VSS
Figure 37. ESD Protection of Resistor Terminals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com