Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5241BRUZ1M-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # AD5241BRUZ1M-R7
Description  I2C-Compatible, 256-Position Digital Potentiometers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5241BRUZ1M-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD5241BRUZ1M-R7 Datasheet HTML 12Page - Analog Devices AD5241BRUZ1M-R7 Datasheet HTML 13Page - Analog Devices AD5241BRUZ1M-R7 Datasheet HTML 14Page - Analog Devices AD5241BRUZ1M-R7 Datasheet HTML 15Page - Analog Devices AD5241BRUZ1M-R7 Datasheet HTML 16Page - Analog Devices AD5241BRUZ1M-R7 Datasheet HTML 17Page - Analog Devices AD5241BRUZ1M-R7 Datasheet HTML 18Page - Analog Devices AD5241BRUZ1M-R7 Datasheet HTML 19Page - Analog Devices AD5241BRUZ1M-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
AD5241/AD5242
Rev. C | Page 18 of 20
ORDERING GUIDE
Model1, 2
No. of Channels
End-to-End RAB
Temperature Range
Package Description
Package Option
AD5241BR10
1
10 kΩ
–40°C to +105°C
14-Lead SOIC_N
R-14
AD5241BR10-REEL7
1
10 kΩ
–40°C to +105°C
14-Lead SOIC_N
R-14
AD5241BRZ10
1
10 kΩ
–40°C to +105°C
14-Lead SOIC_N
R-14
AD5241BRZ10-RL7
1
10 kΩ
–40°C to +105°C
14-Lead SOIC_N
R-14
AD5241BRU10
1
10 kΩ
–40°C to +105°C
14-Lead TSSOP
RU-14
AD5241BRU10-REEL7
1
10 kΩ
–40°C to +105°C
14-Lead TSSOP
RU-14
AD5241BRUZ10
1
10 kΩ
–40°C to +105°C
14-Lead TSSOP
RU-14
AD5241BRUZ10-R7
1
10 kΩ
–40°C to +105°C
14-Lead TSSOP
RU-14
AD5241BR100
1
100 kΩ
–40°C to +105°C
14-Lead SOIC_N
R-14
AD5241BR100-REEL7
1
100 kΩ
–40°C to +105°C
14-Lead SOIC_N
R-14
AD5241BRZ100
1
100 kΩ
–40°C to +105°C
14-Lead SOIC_N
R-14
AD5241BRZ100-RL7
1
100 kΩ
–40°C to +105°C
14-Lead SOIC_N
R-14
AD5241BRU100
1
100 kΩ
–40°C to +105°C
14-Lead TSSOP
RU-14
AD5241BRU100-REEL7
1
100 kΩ
–40°C to +105°C
14-Lead TSSOP
RU-14
AD5241BRUZ100
1
100 kΩ
–40°C to +105°C
14-Lead TSSOP
RU-14
AD5241BRUZ100-R7
1
100 kΩ
–40°C to +105°C
14-Lead TSSOP
RU-14
AD5241BR1M
1
1 MΩ
–40°C to +105°C
14-Lead SOIC_N
R-14
AD5241BRZ1M
1
1 MΩ
–40°C to +105°C
14-Lead SOIC_N
R-14
AD5241BRZ1M-REEL
1
1 MΩ
–40°C to +105°C
14-Lead SOIC_N
R-14
AD5241BRU1M
1
1 MΩ
–40°C to +105°C
14-Lead SOIC_N
R-14
AD5241BRU1M-REEL7
1
1 MΩ
–40°C to +105°C
14-Lead TSSOP
RU-14
AD5241BRUZ1M
1
1 MΩ
–40°C to +105°C
14-Lead TSSOP
RU-14
AD5241BRUZ1M-R7
1
1 MΩ
–40°C to +105°C
14-Lead TSSOP
RU-14
AD5242BR10
2
10 kΩ
–40°C to +105°C
16-Lead SOIC_N
R-16
AD5242BR10-REEL7
2
10 kΩ
–40°C to +105°C
16-Lead SOIC_N
R-16
AD5242BRZ10
2
10 kΩ
–40°C to +105°C
16-Lead SOIC_N
R-16
AD5242BRZ10-REEL7
2
10 kΩ
–40°C to +105°C
16-Lead SOIC_N
R-16
AD5242BRU10
2
10 kΩ
–40°C to +105°C
16-Lead TSSOP
RU-16
AD5242BRU10-REEL7
2
10 kΩ
–40°C to +105°C
16-Lead TSSOP
RU-16
AD5242BRUZ10
2
10 kΩ
–40°C to +105°C
16-Lead TSSOP
RU-16
AD5242BRUZ10-RL7
2
10 kΩ
–40°C to +105°C
16-Lead TSSOP
RU-16
AD5242BR100
2
100 kΩ
–40°C to +105°C
16-Lead SOIC_N
R-16
AD5242BR100-REEL7
2
100 kΩ
–40°C to +105°C
16-Lead SOIC_N
R-16
AD5242BRZ100
2
100 kΩ
–40°C to +105°C
16-Lead SOIC_N
R-16
AD5242BRZ100-REEL7
2
100 kΩ
–40°C to +105°C
16-Lead SOIC_N
R-16
AD5242BRU100
2
100 kΩ
–40°C to +105°C
16-Lead TSSOP
RU-16
AD5242BRU100-REEL7
2
100 kΩ
–40°C to +105°C
16-Lead TSSOP
RU-16
AD5242BRUZ100
2
100 kΩ
–40°C to +105°C
16-Lead TSSOP
RU-16
AD5242BRUZ100-RL7
2
100 kΩ
–40°C to +105°C
16-Lead TSSOP
RU-16
AD5242BR1M
2
1 MΩ
–40°C to +105°C
16-Lead SOIC_N
R-16
AD5242BRZ1M
2
1 MΩ
–40°C to +105°C
16-Lead SOIC_N
R-16
AD5242BRU1M
2
1 MΩ
–40°C to +105°C
16-Lead SOIC_N
R-16
AD5242BRU1M-REEL7
2
1 MΩ
–40°C to +105°C
16-Lead TSSOP
RU-16
AD5242BRUZ1M
2
1 MΩ
–40°C to +105°C
16-Lead TSSOP
RU-16
AD5242BRUZ1M-REEL7
2
1 MΩ
–40°C to +105°C
16-Lead TSSOP
RU-16
EVAL-AD5242EBZ
2
Evaluation Board
1 The AD5241/AD5242 die size is 69 mil × 78 mil, 5,382 sq. mil. Contains 386 transistors for each channel. Patent Number 5,495,245 applies.
2 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com