Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5312ARMZ Datasheet(PDF) 22 Page - Analog Devices

Part # AD5312ARMZ
Description  2.5 V to 5.5 V, 230 關A, Dual Rail-to-Rail, Voltage Output 8-/10-/12-Bit DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5312ARMZ Datasheet(HTML) 22 Page - Analog Devices

Back Button AD5312ARMZ Datasheet HTML 16Page - Analog Devices AD5312ARMZ Datasheet HTML 17Page - Analog Devices AD5312ARMZ Datasheet HTML 18Page - Analog Devices AD5312ARMZ Datasheet HTML 19Page - Analog Devices AD5312ARMZ Datasheet HTML 20Page - Analog Devices AD5312ARMZ Datasheet HTML 21Page - Analog Devices AD5312ARMZ Datasheet HTML 22Page - Analog Devices AD5312ARMZ Datasheet HTML 23Page - Analog Devices AD5312ARMZ Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
AD5302/AD5312/AD5322
Rev. D | Page 22 of 24
ORDERING GUIDE
Model1, 2
Temperature Range
Package Description
Package Option
Branding
AD5302ARM
−40°C to +105°C
10-Lead MSOP
RM-10
D5A
AD5302ARM-REEL7
−40°C to +105°C
10-Lead MSOP
RM-10
D5A
AD5302ARMZ
−40°C to +105°C
10-Lead MSOP
RM-10
D5A#
AD5302ARMZ-REEL
−40°C to +105°C
10-Lead MSOP
RM-10
D5A#
AD5302ARMZ-REEL7
−40°C to +105°C
10-Lead MSOP
RM-10
D5A#
AD5302BRM
−40°C to +105°C
10-Lead MSOP
RM-10
D5B
AD5302BRM-REEL
−40°C to +105°C
10-Lead MSOP
RM-10
D5B
AD5302BRM-REEL7
−40°C to +105°C
10-Lead MSOP
RM-10
D5B
AD5302BRMZ
−40°C to +105°C
10-Lead MSOP
RM-10
D5B#
AD5302BRMZ-REEL
−40°C to +105°C
10-Lead MSOP
RM-10
D5B#
AD5302BRMZ-REEL7
−40°C to +105°C
10-Lead MSOP
RM-10
D5B#
AD5312ARM
−40°C to +105°C
10-Lead MSOP
RM-10
D6A
AD5312ARMZ
−40°C to +105°C
10-Lead MSOP
RM-10
D6A#
AD5312ARMZ-REEL7
−40°C to +105°C
10-Lead MSOP
RM-10
D6A#
AD5312BRM
−40°C to +105°C
10-Lead MSOP
RM-10
D6B
AD5312BRM-REEL
−40°C to +105°C
10-Lead MSOP
RM-10
D6B
AD5312BRM-REEL7
−40°C to +105°C
10-Lead MSOP
RM-10
D6B
AD5312BRMZ
−40°C to +105°C
10-Lead MSOP
RM-10
D6B#
AD5312BRMZ-REEL
−40°C to +105°C
10-Lead MSOP
RM-10
D6B#
AD5312BRMZ-REEL7
−40°C to +105°C
10-Lead MSOP
RM-10
D6B#
AD5322ARM
−40°C to +105°C
10-Lead MSOP
RM-10
D7A
AD5322ARM-REEL7
−40°C to +105°C
10-Lead MSOP
RM-10
D7A
AD5322ARMZ
−40°C to +105°C
10-Lead MSOP
RM-10
D6T
AD5322ARMZ-REEL7
−40°C to +105°C
10-Lead MSOP
RM-10
D6T
AD5322BRM
−40°C to +105°C
10-Lead MSOP
RM-10
D7B
AD5322BRM-REEL
−40°C to +105°C
10-Lead MSOP
RM-10
D7B
AD5322BRM-REEL7
−40°C to +105°C
10-Lead MSOP
RM-10
D7B
AD5322BRMZ
−40°C to +105°C
10-Lead MSOP
RM-10
D7B#
AD5322BRMZ-REEL
−40°C to +105°C
10-Lead MSOP
RM-10
D7B#
AD5322BRMZ-REEL7
−40°C to +105°C
10-Lead MSOP
RM-10
D7B#
AD5312WARMZ-REEL7
−40°C to +105°C
10-Lead MSOP
RM-10
D6A#
1 Z = RoHS Compliant Part.
2 W = Qualified for Automotive Applications.
AUTOMOTIVE PRODUCTS
The AD5312WARMZ-REEL7 model is available with controlled manufacturing to support the quality and reliability requirements of
automotive applications. Note that this automotive model may have specifications that differ from the commercial models; therefore,
designers should review the Specifications section of this data sheet carefully. Only the automotive grade product shown is available for
use in automotive applications. Contact your local Analog Devices, Inc., account representative for specific product ordering information
and to obtain the specific Automotive Reliability report for this model.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com