Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5312ARMZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD5312ARMZ
Description  2.5 V to 5.5 V, 230 關A, Dual Rail-to-Rail, Voltage Output 8-/10-/12-Bit DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5312ARMZ Datasheet(HTML) 3 Page - Analog Devices

  AD5312ARMZ Datasheet HTML 1Page - Analog Devices AD5312ARMZ Datasheet HTML 2Page - Analog Devices AD5312ARMZ Datasheet HTML 3Page - Analog Devices AD5312ARMZ Datasheet HTML 4Page - Analog Devices AD5312ARMZ Datasheet HTML 5Page - Analog Devices AD5312ARMZ Datasheet HTML 6Page - Analog Devices AD5312ARMZ Datasheet HTML 7Page - Analog Devices AD5312ARMZ Datasheet HTML 8Page - Analog Devices AD5312ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
AD5302/AD5312/AD5322
Rev. D | Page 3 of 24
SPECIFICATIONS
VDD = 2.5 V to 5.5 V, VREF = 2 V, RL = 2 kΩ to GND, CL = 200 pF to GND, all specifications TMIN to TMAX, unless otherwise noted.
Table 1.
A Version1
B Version1
Parameter2
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions/Comments
DC PERFORMANCE3, 4
AD5302
Resolution
8
8
Bits
Relative Accuracy
±0.15
±1
±0.15
±0.5
LSB
Differential Nonlinearity
±0.02
±0.25
±0.02
±0.25
LSB
Guaranteed monotonic by design over all codes
AD5312
Resolution
10
10
Bits
Relative Accuracy
±0.5
±4
±0.5
±2
LSB
Differential Nonlinearity
±0.05
±0.5
±0.05
±0.5
LSB
Guaranteed monotonic by design over all codes
AD5322
Resolution
12
12
Bits
Relative Accuracy
±2
±16
±2
±8
LSB
Differential Nonlinearity
±0.2
±1
±0.2
±1
LSB
Guaranteed monotonic by design over all codes
Offset Error
±0.4
±3
±0.4
±3
% of FSR
See
Figure 3 and Figure 4
Gain Error
±0.15
±1
±0.15
±1
% of FSR
See
Figure 3 and Figure 4
Lower Deadband
10
60
10
60
mV
See
Figure 3 and Figure 4
Offset Error Drift5
−12
−12
ppm of
FSR/°C
Gain Error Drift5
−5
−5
ppm of
FSR/°C
Power Supply Rejection
Ratio5
−60
−60
dB
∆VDD = ±10%
DC Crosstalk5
30
30
μV
DAC REFERENCE INPUTS5
VREF Input Range
1
VDD
1
VDD
V
Buffered reference mode
0
VDD
0
VDD
V
Unbuffered reference mode
VREF Input Impedance
>10
>10
MΩ
Buffered reference mode
180
180
kΩ
Unbuffered reference mode, input impedance = RDAC
Reference Feedthrough
−90
−90
dB
Frequency = 10 kHz
Channel-to-Channel
Isolation
−80
−80
dB
Frequency = 10 kHz
OUTPUT CHARACTERISTICS5
Minimum Output Voltage6
0.001
0.001
V min
A measure of the minimum drive capability of
the output amplifier
Maximum Output Voltage6
VDD −
0.001
VDD −
0.001
V max
A measure of the maximum drive capability of
the output amplifier
DC Output Impedance
0.5
0.5
Ω
Short-Circuit Current
50
50
mA
VDD = 5 V
20
20
mA
VDD = 3 V
Power-Up Time
2.5
2.5
μs
Coming out of power-down mode, VDD = 5 V
5
5
μs
Coming out of power-down mode, VDD = 3 V
LOGIC INPUTS5
Input Current
±1
±1
μA
VIL, Input Low Voltage
0.8
0.8
V
VDD = 5 V ± 10%
0.6
0.6
V
VDD = 3 V ± 10%
0.5
0.5
V
VDD = 2.5 V
VIH, Input High Voltage
2.4
2.4
V
VDD = 5 V ± 10%
2.1
2.1
V
VDD = 3 V ± 10%
2.0
2.0
V
VDD = 2.5 V
Pin Capacitance
2
3.5
2
3.5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com