Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7662ACPA Datasheet(PDF) 5 Page - Microchip Technology

Part # TC7662ACPA
Description  Charge Pump DC-to-DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7662ACPA Datasheet(HTML) 5 Page - Microchip Technology

  TC7662ACPA Datasheet HTML 1Page - Microchip Technology TC7662ACPA Datasheet HTML 2Page - Microchip Technology TC7662ACPA Datasheet HTML 3Page - Microchip Technology TC7662ACPA Datasheet HTML 4Page - Microchip Technology TC7662ACPA Datasheet HTML 5Page - Microchip Technology TC7662ACPA Datasheet HTML 6Page - Microchip Technology TC7662ACPA Datasheet HTML 7Page - Microchip Technology TC7662ACPA Datasheet HTML 8Page - Microchip Technology TC7662ACPA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
 2001-2012 Microchip Technology Inc.
DS21468B-page 5
TC7662A
3.0
DETAILED DESCRIPTION
The TC7662A is a capacitive charge pump (sometimes
called
a
switched-capacitor
circuit),
where
four
MOSFET switches control the charge and discharge of
a capacitor.
The functional block diagram shows how the switching
action works. SW1 and SW2 are turned on simulta-
neously, charging CP to the supply voltage, VDD. This
assumes that the ON resistance of the MOSFETs in
series with the capacitor produce a charging time
(3 time constants) less than the ON time provided by
the oscillator frequency, as shown:
3 (RDS(ON) CP) <CP/(0.5 fOSC).
In the next cycle, SW1 and SW2 are turned OFF and,
after a very short interval with all switches OFF
(preventing large currents from occurring due to cross
conduction), SW3 and SW4 are turned ON. The charge
in CP is then transferred to CR, but with the polarity
inverted. In this way, a negative voltage is derived.
An oscillator supplies pulses to a flip-flop that is fed to
a set of level shifters. These level shifters then drive
each set of switches at one-half the oscillator
frequency.
The oscillator has a pin that controls the frequency
of oscillation. Pin 7 can have a capacitor added that
is connected to ground. This will lower the frequency
of the
oscillator
by
adding
capacitance
to
the
internal timing capacitor of the TC7662A. (See Typical
Characteristics – Oscillator Frequency vs. COSC.)
FIGURE 3-1:
TC7662A TEST CIRCUIT
3.1
Theoretical Power Efficiency
Considerations
In theory, a voltage converter can approach 100%
efficiency if certain conditions are met:
1.
The drive circuitry consumes minimal power.
2.
The output switches have extremely low ON
resistance and virtually no offset.
3.
The impedances of the pump and reservoir
capacitors are negligible at the pump frequency.
The
TC7662A
approaches
these
conditions
for
negative voltage conversion if large values of CP and
CR are used.
Note:
Energy is lost only in the transfer of charge
between capacitors if a change in voltage
occurs.
The energy lost is defined by:
E = 1/2 CP (V1
2 – V
2
2)
V1 and V2 are the voltages on CP during the pump and
transfer cycles. If the impedances of CP and CR are
relatively high at the pump frequency (refer to Figure 3-
1), compared to the value of RL, there will be a
substantial difference in voltages V1 and V2. Therefore,
it is desirable not only to make CR as large as possible
to eliminate output voltage ripple, but also to employ a
correspondingly large value for CP in order to achieve
maximum efficiency of operation.
3.2
Dos and Don'ts
• Do not exceed maximum supply voltages.
• Do not short circuit the output to V+ supply for
voltages above 5.5V for extended periods;
however, transient conditions including start-up
are okay.
• When using polarized capacitors in the inverting
mode, the + terminal of CP must be connected to
pin 2 of the TC7662A and the + terminal of CR
must be connected to GND (pin 3).
• If the voltage supply driving the TC7662A has a
large source impedance (25-30 ohms), then a
2.2
F capacitor from pin 8 to ground may be
required to limit the rate of rise of the input voltage
to less than 2V/
sec.
TC7662A
1
2
3
4
8
7
5
+
10
μF
10
μF
VDD
(+5V)
NC
NC
6
+
CP
CR
VOUT
(-5V)
COSC
RL
IS
IL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com