Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7662ACPA Datasheet(PDF) 8 Page - Microchip Technology

Part # TC7662ACPA
Description  Charge Pump DC-to-DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7662ACPA Datasheet(HTML) 8 Page - Microchip Technology

Back Button TC7662ACPA Datasheet HTML 4Page - Microchip Technology TC7662ACPA Datasheet HTML 5Page - Microchip Technology TC7662ACPA Datasheet HTML 6Page - Microchip Technology TC7662ACPA Datasheet HTML 7Page - Microchip Technology TC7662ACPA Datasheet HTML 8Page - Microchip Technology TC7662ACPA Datasheet HTML 9Page - Microchip Technology TC7662ACPA Datasheet HTML 10Page - Microchip Technology TC7662ACPA Datasheet HTML 11Page - Microchip Technology TC7662ACPA Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
TC7662A
DS21468B-page 8
 2001-2012 Microchip Technology Inc.
4.5
Changing the TC7662A Oscillator
Frequency
It is possible to increase the conversion efficiency of
the TC7662A at low load levels by lowering the
oscillator frequency. This reduces the switching losses,
and is shown in Figure 4-5. However, lowering the
oscillator frequency will cause an undesirable increase
in the impedance of the pump (CP) and reservoir (CR)
capacitors; this is overcome by increasing the values of
CP and CR by the same factor that the frequency has
been reduced. For example, the addition of a 100pF
capacitor between pin 7 (OSC) and VDD will lower the
oscillator frequency to 2kHz from its nominal frequency
of 12kHz (multiple of 6), and thereby necessitate a
corresponding increase in the value of CP and CR (from
10
F to 68F).
FIGURE 4-5:
LOWERING OSCILLATOR
FREQUENCY
4.6
Positive Voltage Doubling
The TC7662A may be employed to achieve positive
voltage doubling using the circuit shown in Figure 4-6.
In this application, the pump inverter switches of the
TC7662A are used to charge CP to a voltage level of
VDD – VF (where VDD is the supply voltage and VF is
the forward voltage on CP plus the supply voltage (VDD)
applied through diode D2 to capacitor CR). The voltage
thus created on CR becomes (2 VDD) – (2 VF), or twice
the supply voltage minus the combined forward voltage
drops of diodes D1 and D2.
The source impedance of the output (VOUT) will depend
on the output current, but for VDD = 5V and an output
current of 10 mA, it will be approximately 60
.
FIGURE 4-6:
POSITIVE VOLTAGE
MULTIPLIER
4.7
Combined Negative Voltage
Conversion and Positive Supply
Multiplication
Figure 4-7 combines the functions shown in Figure 4-1
and Figure 4-6 to provide negative voltage conversion
and positive voltage doubling simultaneously. This
approach would be, for example, suitable for generat-
ing +9V and -5V from an existing +5V supply. In this
instance, capacitors C1 and C3 perform the pump and
reservoir functions, respectively, for the generation of
the negative voltage, while capacitors C2 and C4 are
pump and reservoir, respectively, for the doubled
positive voltage. There is a penalty in this configuration
which combines both functions, however, in that the
source impedances of the generated supplies will be
somewhat higher due to the finite impedance of the
common charge pump driver at pin 2 of the device.
FIGURE 4-7:
COMBINED NEGATIVE
CONVERTER AND
POSITIVE DOUBLER
4.8
Voltage Splitting
The same bidirectional characteristics can be used to
split a higher supply in half, as shown in Figure 4-8.
The combined load will be evenly shared between the
two sides. Because the switches share the load in
parallel, the output impedance is much lower than in
the standard circuits, and higher currents can be drawn
from the device. By using this circuit, and then the
circuit of Figure 4-4, +15V can be converted (via +7.5V
and -7.5V) to a nominal -15V, though with rather high
series resistance (~250
).
FIGURE 4-8:
SPLITTING A SUPPLY IN
HALF
1
2
3
4
8
7
6
5
+
VOUT
COSC
+
TC7662A
10
μF
10
μF
VDD
1
2
3
4
8
7
6
5
VOUT =
(2 VDD) – (2 VF)
+
CR
D1
D2
+
CP
TC7662A
VDD
1
2
3
4
8
7
6
5
+
VDD
VOUT =
(2 VDD) – (2 VF)
C1
D1
+
+
C3
C4
VOUT =
-(VDD – VF)
C2
TC7662A
D2
+
+
RL1
RL2
VOUT =
VDD – V
–
2
50
μF
50
μF
VDD
V –
50
μF
+
1
2
8
7
TC7662A
3
4
6
5
+
–
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com