Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCN75 Datasheet(PDF) 10 Page - Microchip Technology

Part # TCN75
Description  2-Wire Serial Temperature Sensor and Thermal Monitor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TCN75 Datasheet(HTML) 10 Page - Microchip Technology

Back Button TCN75_13 Datasheet HTML 6Page - Microchip Technology TCN75_13 Datasheet HTML 7Page - Microchip Technology TCN75_13 Datasheet HTML 8Page - Microchip Technology TCN75_13 Datasheet HTML 9Page - Microchip Technology TCN75_13 Datasheet HTML 10Page - Microchip Technology TCN75_13 Datasheet HTML 11Page - Microchip Technology TCN75_13 Datasheet HTML 12Page - Microchip Technology TCN75_13 Datasheet HTML 13Page - Microchip Technology TCN75_13 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
TCN75
DS21490D-page 10
 2001-2012 Microchip Technology Inc.
5.0
REGISTER SET AND
PROGRAMMER’S MODEL
TABLE 5-2:
CONFIGURATION REGISTER
(CONFIG), 8 BITS, READ/
WRITE
D0: Shutdown:
0
= Normal Operation
1
= Shutdown Mode
D1: CMPTR/INT:
0
= Comparator Mode
1
= Interrupt Mode
D2: INT/CMPTR POLARITY:
0
= Active Low
1
= Active High
D3 – D4: Fault Queue: Number of sequential
temperature-to-digital conversions with the same result
before the INT/CMPTR output is updated:
TABLE 5-1:
REGISTER (POINT), 8 BITS,
WRITE ONLY
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
Must Be Set To Zero
Pointer
Register Selection Via the Pointer Register
D1
D0
Register Selection
00
TEMP
01
CONFIG
10
THYST
11
TSET
D
[7]
D
[6]
D
[5]
D
[4]
D
[3]
D
[2]
D
[1]
D
[0]
Must Be Set
To Zero
Fault
Queue
INT/
CMPTR,
Polarity
COM
P/INT
Shut-
down
D4
D3
Number of Conversions
00
1 (Power-up default)
01
2
10
4
11
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com