Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9736BBCRL Datasheet(PDF) 37 Page - Analog Devices

Part # AD9736BBCRL
Description  10-/12-/14-Bit, 1200 MSPS DACS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9736BBCRL Datasheet(HTML) 37 Page - Analog Devices

Back Button AD9736BBCRL Datasheet HTML 33Page - Analog Devices AD9736BBCRL Datasheet HTML 34Page - Analog Devices AD9736BBCRL Datasheet HTML 35Page - Analog Devices AD9736BBCRL Datasheet HTML 36Page - Analog Devices AD9736BBCRL Datasheet HTML 37Page - Analog Devices AD9736BBCRL Datasheet HTML 38Page - Analog Devices AD9736BBCRL Datasheet HTML 39Page - Analog Devices AD9736BBCRL Datasheet HTML 40Page - Analog Devices AD9736BBCRL Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 72 page
background image
AD9734/AD9735/AD9736
Rev. A | Page 37 of 72
CSB—Chip Select
Active low input starts and gates a communication cycle. It
allows more than one device to be used on the same serial
communications lines. The SDO and SDIO pins go to a high
impedance state when this input is high. Chip select should stay
low during the entire communication cycle.
SDIO—Serial Data I/O
Data is always written into the AD973x on this pin. However,
this pin can be used as a bidirectional data line. The configu-
ration of this pin is controlled by SDIO_DIR at Reg. 0, Bit 7.
The default is Logic 0, which configures the SDIO pin as
unidirectional.
SDO—Serial Data Out
Data is read from this pin for protocols that use separate lines
for transmitting and receiving data. In the case where the
AD973x operates in a single bidirectional I/O mode, this pin
does not output data and is set to a high impedance state.
MSB/LSB TRANSFERS
The AD973x serial port can support both MSB-first or LSB-first
data formats. This functionality is controlled by LSBFIRST at
Reg. 0, Bit 6. The default is MSB first (LSBFIRST = 0).
When LSBFIRST = 0 (MSB first), the instruction and data bytes
must be written from the most significant bit to the least
significant bit. Multibyte data transfers in MSB-first format start
with an instruction byte that includes the register address of the
most significant data byte. Subsequent data bytes should follow
in order from high address to low address. In MSB-first mode,
the serial port internal byte address generator decrements for
each data byte of the multibyte communication cycle.
When LSBFIRST = 1 (LSB first), the instruction and data bytes
must be written from least significant bit to most significant bit.
Multibyte data transfers in LSB-first format start with an
instruction byte that includes the register address of the least
significant data byte followed by multiple data bytes. The serial
port internal byte address generator increments for each byte of
the multibyte communication cycle.
The AD973x serial port controller data address decrements
from the data address written toward 0x00 for multibyte I/O
operations if the MSB-first mode is active. The serial port
controller address increments from the data address written
toward 0x1F for multibyte I/O operations if the LSB-first mode
is active.
NOTES ON SERIAL PORT OPERATION
The AD973x serial port configuration is controlled by Reg. 0,
Bit 4, Bit 5, Bit 6, and Bit 7. Note that the configuration changes
immediately upon writing to the last bit of the register.
For multibyte transfers, writing to this register can occur during
the middle of the communication cycle. Care must be taken to
compensate for this new configuration for the remaining bytes
of the current communication cycle. The same considerations
apply to setting the software reset, RESET (Reg. 0, Bit 5). All
registers are set to their default values except Reg. 0 and Reg. 4,
which remain unchanged.
Use of only single-byte transfers when changing serial port
configurations or initiating a software reset is highly
recommended. In the event of unexpected programming
sequences, the AD973x SPI can become inaccessible. For
example, if user code inadvertently changes the LONG_INS bit
or the LSBFIRST bit, the following bits experience unexpected
results. The SPI can be returned to a known state by writing an
incomplete byte (1 to 7 bits) of all 0s followed by 3 bytes of
0x00. This returns to MSB-first short instructions
(Reg. 0 = 0x00), so the device can be reinitialized.
R/W N1 N0 A4 A3 A2 A1 A0 D7N D6N D5N
D00
D10
D20
D30
INSTRUCTION CYCLE
DATA TRANSFER CYCLE
CSB
SCLK
SDIO
Figure 69. Serial Register Interface Timing, MSB-First Write
R/W N1 N0 A4 A3
A2 A1 A0
D7
D6N D5N
D00
D10
D20
D30
D6N D5N
D00
D10
D20
D30
INSTRUCTION CYCLE
DATA TRANSFER CYCLE
CSB
SCLK
SDIO
SDO
D7
Figure 70. Serial Register Interface Timing, MSB-First Read
A0 A1 A2 A3 A4 N0 N1 R/W D00 D10 D20
D7N
D6N
D5N
D4N
INSTRUCTION CYCLE
DATA TRANSFER CYCLE
CSB
SCLK
SDIO
Figure 71. Serial Register Interface Timing, LSB-First Write
INSTRUCTION CYCLE
DATA TRANSFER CYCLE
CSB
SCLK
SDIO
SDO
A0 A1 A2 A3 A4 N0 N1 R/W
D10 D20
D7N
D6N
D5N
D4N
D10 D20
D7N
D6N
D5N
D4N
D0
D0
Figure 72. Serial Register Interface Timing, LSB-First Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com