Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9736BBCRL Datasheet(PDF) 56 Page - Analog Devices

Part # AD9736BBCRL
Description  10-/12-/14-Bit, 1200 MSPS DACS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9736BBCRL Datasheet(HTML) 56 Page - Analog Devices

Back Button AD9736BBCRL Datasheet HTML 52Page - Analog Devices AD9736BBCRL Datasheet HTML 53Page - Analog Devices AD9736BBCRL Datasheet HTML 54Page - Analog Devices AD9736BBCRL Datasheet HTML 55Page - Analog Devices AD9736BBCRL Datasheet HTML 56Page - Analog Devices AD9736BBCRL Datasheet HTML 57Page - Analog Devices AD9736BBCRL Datasheet HTML 58Page - Analog Devices AD9736BBCRL Datasheet HTML 59Page - Analog Devices AD9736BBCRL Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 72 page
background image
AD9734/AD9735/AD9736
Rev. A | Page 56 of 72
POWER SUPPLY SEQUENCING
The 1.8 V supplies should be enabled prior to enabling the 3.3 V supplies. Do not enable the 3.3 V supplies when the
1.8 V supplies are off.
LVDS
RX
DATACLK_IN
DATACLK_IN DOMAIN
DACCLK DOMAIN
DB<13:0>
PATH A
PATH B
DATACLK_OUT
D1A
DAC_DATA
DAC_OUTPUT
D1
D2
D2A

SD<3:0>
SAMPLE DELAY
DACCLK
FF
FF
÷ 2
CLK
RX
FF
FF
SD<3:0>
SAMPLE DELAY
DATA SAMPLING
SIGNAL
DAC SAMPLING
SIGNAL
COMMON SYSTEM CLOCK
DELAYS THROUGH PATH A AND B WILL TRACK,
THUS REDUCING TIMING UNCERTAINTY IN THE SYSTEM
LVDS
RX
LVDS
TX
DAC
CORE
Figure 103. Simplified Internal Clock Routing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com