Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7753ARSZ Datasheet(PDF) 34 Page - Analog Devices

Part # ADE7753ARSZ
Description  Single-Phase Multifunction Metering IC with di/dt Sensor Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7753ARSZ Datasheet(HTML) 34 Page - Analog Devices

Back Button ADE7753ARSZ Datasheet HTML 30Page - Analog Devices ADE7753ARSZ Datasheet HTML 31Page - Analog Devices ADE7753ARSZ Datasheet HTML 32Page - Analog Devices ADE7753ARSZ Datasheet HTML 33Page - Analog Devices ADE7753ARSZ Datasheet HTML 34Page - Analog Devices ADE7753ARSZ Datasheet HTML 35Page - Analog Devices ADE7753ARSZ Datasheet HTML 36Page - Analog Devices ADE7753ARSZ Datasheet HTML 37Page - Analog Devices ADE7753ARSZ Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 60 page
background image
ADE7753
Rev. C | Page 34 of 60
90°. The resulting waveform is called the instantaneous reactive
power signal. Equation 25 gives an expression for the instanta-
neous reactive power signal in an ac system when the phase of
the current channel is shifted by +90°.
The average reactive power over an integral number of lines (n)
is given in Equation 26.
v(t) =
)
sin(
2
θ
+
ωt
V
(23)
=
=
nT
VI
dt
t
Rp
nT
RP
0
)
sin(
)
(
1
θ
(26)
i(t) =
)
sin(
2
t
I
ω
π
+
ω
=
2
sin
2
)
(
t
I
t
i
(24)
where:
T is the line cycle period.
RP is referred to as the reactive power.
Note that the reactive power is equal to the dc component of the
instantaneous reactive power signal Rp(t) in Equation 25. This
is the relationship used to calculate reactive power in the
ADE7753. The instantaneous reactive power signal Rp(t) is
generated by multiplying Channel 1 and Channel 2. In this case,
the phase of Channel 1 is shifted by +90°. The dc component of
the instantaneous reactive power signal is then extracted by a
low-pass filter in order to obtain the reactive power informa-
tion. Figure 71 shows the signal processing in the reactive
power calculation in the ADE7753.
where:
θ is the phase difference between the voltage and current
channel.
V is the rms voltage.
I is the rms current.
Rp(t) = v(t) × i’(t)
(25)
Rp(t) = VI sin (θ) + VI sin(2ωt + θ)
ZERO-CROSSING
DETECTION
MULTIPLIER
+
+
LVARENERGY [23:0]
ACCUMULATE REACTIVE
ENERGY IN INTERNAL
REGISTER AND UPDATE
THE LVARENERGY REGISTER
AT THE END OF LINECYC HALF
LINE CYCLES
INSTANTANEOUS REACTIVE
POWER SIGNAL (Rp(t))
23
0
49
0
02875-0-070
LPF1
FROM
CHANNEL 2
ADC
LINECYC [15:0]
LPF2
CALIBRATION
CONTROL
π
2
V
I
90 DEGREE
PHASE SHIFT
Figure 71. Reactive Power Signal Processing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com