Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7753ARSZ Datasheet(PDF) 37 Page - Analog Devices

Part # ADE7753ARSZ
Description  Single-Phase Multifunction Metering IC with di/dt Sensor Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7753ARSZ Datasheet(HTML) 37 Page - Analog Devices

Back Button ADE7753ARSZ Datasheet HTML 33Page - Analog Devices ADE7753ARSZ Datasheet HTML 34Page - Analog Devices ADE7753ARSZ Datasheet HTML 35Page - Analog Devices ADE7753ARSZ Datasheet HTML 36Page - Analog Devices ADE7753ARSZ Datasheet HTML 37Page - Analog Devices ADE7753ARSZ Datasheet HTML 38Page - Analog Devices ADE7753ARSZ Datasheet HTML 39Page - Analog Devices ADE7753ARSZ Datasheet HTML 40Page - Analog Devices ADE7753ARSZ Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 60 page
background image
ADE7753
Rev. C | Page 37 of 60
overflows. Therefore, the integration time under these conditions
with VADIV = 0 is calculated as follows:
LINE APPARENT ENERGY ACCUMULATION
Time =
055
xD
0
FFFF
FFFF,
xFFFF,
0
× 1.2 μs = 888 s = 12.52 min(32)
When VADIV is set to a value different from 0, the integration
time varies, as shown in Equation 33.
Time = TimeWDIV = 0 × VADIV
(33)
The ADE7753 is designed with a special apparent energy
accumulation mode, which simplifies the calibration process.
By using the on-chip zero-crossing detection, the ADE7753
accumulates the apparent power signal in the LVAENERGY
register for an integral number of half cycles, as shown in
Figure 77. The line apparent energy accumulation mode is
always active.
The number of half line cycles is specified in the LINECYC
register, which is an unsigned 16-bit register. The ADE7753 can
accumulate apparent power for up to 65535 combined half
cycles. Because the apparent power is integrated on the same
integral number of line cycles as the line active energy register,
these two values can be compared easily. The active energy and
the apparent energy are calculated more accurately because of
this precise timing control and provide all the information
needed for reactive power and power factor calculation. At the
end of an energy calibration cycle, the CYCEND flag in the
interrupt status register is set. If the CYCEND mask bit in the
interrupt mask register is enabled, the IRQ output also goes
active low. Thus the IRQ line can also be used to signal the end
of a calibration.
The line apparent energy accumulation uses the same signal
path as the apparent energy accumulation. The LSB size of these
two registers is equivalent.
VADIV[7:0]
LPF1
+
+
LVAENERGY [23:0]
LVAENERGY REGISTER IS
UPDATED EVERY LINECYC
ZERO CROSSINGS WITH THE
TOTAL APPARENT ENERGY
DURING THAT DURATION
APPARENT
POWER
FROM
CHANNEL 2
ADC
23
0
LINECYC [15:0]
48
0
02875-0-076
%
ZERO-CROSSING
DETECTION
CALIBRATION
CONTROL
Figure 77. ADE7753 Apparent Energy Calibration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com