Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP795W11 Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP795W11
Description  3V SPI Real-Time Clock Calendar with Enhanced Features and Battery Switchover
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP795W11 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP795W11 Datasheet HTML 9Page - Microchip Technology MCP795W11 Datasheet HTML 10Page - Microchip Technology MCP795W11 Datasheet HTML 11Page - Microchip Technology MCP795W11 Datasheet HTML 12Page - Microchip Technology MCP795W11 Datasheet HTML 13Page - Microchip Technology MCP795W11 Datasheet HTML 14Page - Microchip Technology MCP795W11 Datasheet HTML 15Page - Microchip Technology MCP795W11 Datasheet HTML 16Page - Microchip Technology MCP795W11 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
 2011-2012 Microchip Technology Inc.
Preliminary
DS22280C-page 13
MCP795W1X/MCP795W2X
REGISTER 5-4:
HOUR 0X03
R/W
R/W
R/W
R/W
R/W
CALSGN
12/24
10 Hour
AM/PM
10 Hour
Hour
bit 7
bit 6
bit 5
bit 4
bit 3
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
bit 7
CALSGN: Calibration Sign bit
Bit 7 is the sign bit (CALSGN) for the calibration. Clearing this bit produces a positive calibration,
setting this bit produces a negative calibration.
bit 6
12/24: Clearing this bit to ‘0’ enables 24-hour format, setting this bit to ‘1’ enables 12-hour format.
bit 5
10 HOUR: AM/PM bit for 12-hour time
bit 4
10 HOUR
bit 3-0
HOUR<3:0>
Note 1:
Contains the BCD hour in bits <3:0>. Bits <5:4> contain either the 10-hour in BCD for 24-hour format or
the AM/PM indicator and the 10-hour bit for 12-hour format. Bit 5 determines the hour format.
REGISTER 5-5:
DAY 0X04
U-0
U-0
R
R/W
R/W
R/W
—
—
OSCON
VBAT
VBATEN
Day
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
bit 7-6
Unimplemented: Read as ‘0’
bit 5
OSCON: Oscillator On bit
This bit is set and cleared by hardware. If this bit is set, the oscillator is running; if
clear, the oscillator is not running. This bit does not indicate that the oscillator is running at the correct
frequency. The bit will wait 32 oscillator cycles before the bit is set.
bit 4
VBAT: External Battery Switched Flag bit
This bit is set by hardware when the VCC fails and the VBAT is used to power the oscillator and the
RTCC registers. This bit is cleared by software.
bit 3
VBATEN: External Battery Enable bit
If this bit is set the internal circuitry is connected to the VBAT pin. If this bit is ‘0’ then the VBAT pin is
disconnected and the only current drain on the external battery is the VBAT pin leakage.
bit 2-0
DAY<2:0>
Note 1:
Contains the BCD day. The range is 1-7. Also, additional bits are used for configuration and status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com