Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP795W11 Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP795W11
Description  3V SPI Real-Time Clock Calendar with Enhanced Features and Battery Switchover
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP795W11 Datasheet(HTML) 2 Page - Microchip Technology

  MCP795W11 Datasheet HTML 1Page - Microchip Technology MCP795W11 Datasheet HTML 2Page - Microchip Technology MCP795W11 Datasheet HTML 3Page - Microchip Technology MCP795W11 Datasheet HTML 4Page - Microchip Technology MCP795W11 Datasheet HTML 5Page - Microchip Technology MCP795W11 Datasheet HTML 6Page - Microchip Technology MCP795W11 Datasheet HTML 7Page - Microchip Technology MCP795W11 Datasheet HTML 8Page - Microchip Technology MCP795W11 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 54 page
background image
MCP795W1X/MCP795W2X
DS22280C-page 2
Preliminary
 2011-2012 Microchip Technology Inc.
Description:
The MCP795WXX is a low-power Real-Time Clock/
Calendar (RTCC) that uses digital trimming compen-
sation for an accurate clock/calendar, an interrupt
output to support alarms and events, a power sense
circuit that automatically switches to the backup
supply, nonvolatile memory for safe data storage and
several enhanced features that support system
requirements.
Along with a low-cost 32,768 kHz crystal, this RTCC
tracks time using several internal registers and then
communicates the data over a 5 MHz SPI bus that is
fast enough to support a programmable millisecond
alarm.
The device is fully accessible through the serial
interface, while VCC is between 1.8V and 3.6V, but can
operate down to 1.3V through the backup supply
connected to the VBAT input for timekeeping and
SRAM retention only.
As part of the power sense circuit, a time saver
function is implemented to store the time when main
power is lost and again, when power is restored to log
the duration of a power failure.
Along with the on-board serial EEPROM and battery-
backed SRAM, a 128-bit protected space is available
for a unique ID. This space can be ordered
preprogrammed with a MAC address, or blank for the
user to program.
This clock/calendar automatically adjusts for months
with fewer than 31 days including corrections for leap
years. The clock operates in either 24-hour or 12-hour
format with AM/PM indicator and settable alarm(s).
Using the external crystal, the CLKOUT pin can be set
to generate a number of output frequencies.
For versatility, a digital event detect with a
programmable pulse count can identify the 1st, 4th,
16th or 32nd pulse before sending an interrupt. A
second event detect with built-in debounce input filter
was also implemented to support noisy mechanical
switches.
Since many microcontrollers do not have an integrated
Watchdog
Timer,
this
peripheral
has
been
implemented in the RTCC. For many applications, this
function must be performed outside the microcontroller
for increased robustness.
FIGURE 1-1:
BLOCK DIAGRAM
X1
X2
VBAT
WD
IRQ
CS
VSS
VCC
CLKOUT/
BOOT
EVHS
EVLS
SCK
SDI
SDO
OSC
CLKOUT Divider
WDT
SPI
EEPROM
SRAM
TIME-STAMP
ID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com