Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6H84-E/ST Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP6H84-E/ST
Description  5.5 MHz, 12V Op Amps
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6H84-E/ST Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP6H84-E/ST Datasheet HTML 7Page - Microchip Technology MCP6H84-E/ST Datasheet HTML 8Page - Microchip Technology MCP6H84-E/ST Datasheet HTML 9Page - Microchip Technology MCP6H84-E/ST Datasheet HTML 10Page - Microchip Technology MCP6H84-E/ST Datasheet HTML 11Page - Microchip Technology MCP6H84-E/ST Datasheet HTML 12Page - Microchip Technology MCP6H84-E/ST Datasheet HTML 13Page - Microchip Technology MCP6H84-E/ST Datasheet HTML 14Page - Microchip Technology MCP6H84-E/ST Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
 2012 Microchip Technology Inc.
DS22320B-page 11
MCP6H81/2/4
Note: Unless otherwise indicated, TA =+25°C, VDD = +3.5V to +12V, VSS = GND, VCM =VDD/2 - 1.4V, VOUT  VDD/2,
VL =VDD/2, RL =10kto VL and CL =60 pF.
FIGURE 2-25:
Output Voltage Headroom
vs. Output Current.
FIGURE 2-26:
Output Voltage Headroom
vs. Output Current.
FIGURE 2-27:
Output Voltage Headroom
vs. Ambient Temperature.
FIGURE 2-28:
Output Voltage Headroom
vs. Ambient Temperature.
FIGURE 2-29:
Output Voltage Headroom
vs. Ambient Temperature.
FIGURE 2-30:
Slew Rate vs. Ambient
Temperature.
1
10
100
1000
V
OL -VSS
V
DD = 5V
0.1
1
0.01
0.1
1
10
100
Output Current (mA)
V
DD -VOH
1
10
100
1000
V
DD -VOH
V
DD = 3.5V
0.1
1
0.01
0.1
1
10
Output Current (mA)
V
OL -VSS
4
6
8
10
12
V
DD -VOH
V
OL -VSS
0
2
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
V
DD = 12V
2
3
4
5
6
7
8
V
DD -VOH
V
OL -VSS
0
1
2
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
V
DD = 5V
3
4
5
6
7
8
V
DD -VOH
V
OL - VSS
0
1
2
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
V
OL
V
SS
V
DD = 3.5V
20
3.0
4.0
5.0
6.0
7.0
8.0
Falling Edge, V
DD = 12V
Rising Edge, V
DD = 12V
0.0
1.0
2.0
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com