Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

16F1828 Datasheet(PDF) 82 Page - Microchip Technology

Part # 16F1828
Description  8-Pin Flash Microcontrollers with XLP Technology
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16F1828 Datasheet(HTML) 82 Page - Microchip Technology

Back Button 16F1828 Datasheet HTML 78Page - Microchip Technology 16F1828 Datasheet HTML 79Page - Microchip Technology 16F1828 Datasheet HTML 80Page - Microchip Technology 16F1828 Datasheet HTML 81Page - Microchip Technology 16F1828 Datasheet HTML 82Page - Microchip Technology 16F1828 Datasheet HTML 83Page - Microchip Technology 16F1828 Datasheet HTML 84Page - Microchip Technology 16F1828 Datasheet HTML 85Page - Microchip Technology 16F1828 Datasheet HTML 86Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 410 page
background image
PIC12(L)F1840
DS41441C-page 82
 2011-2012 Microchip Technology Inc.
9.3
Register Definitions: Voltage Regulator Control
TABLE 9-1:
SUMMARY OF REGISTERS ASSOCIATED WITH POWER-DOWN MODE
REGISTER 9-1:
VREGCON: VOLTAGE REGULATOR CONTROL REGISTER(1)
U-0
U-0
U-0
U-0
U-0
U-0
R/W-0/0
R/W-1/1
—
—
—
—
—
—VREGPM
Reserved
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-2
Unimplemented: Read as ‘0’
bit 1
VREGPM: Voltage Regulator Power Mode Selection bit
1 = Low-Power Sleep mode enabled in Sleep(2)
Draws lowest current in Sleep, slower wake-up
0 = Normal-Power mode enabled in Sleep(2)
Draws higher current in Sleep, faster wake-up
bit 0
Reserved: Read as ‘1’. Maintain this bit set.
Note 1:
PIC12F1840 only.
2:
See Section 30.0 “Electrical Specifications”.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
INTCON
GIE
PEIE
TMR0IE
INTE
IOCIE
TMR0IF
INTF
IOCIF
74
IOCAF
—
—
IOCAF5
IOCAF4
IOCAF3
IOCAF2
IOCAF1
IOCAF0
111
IOCAN
—
—
IOCAN5
IOCAN4
IOCAN3
IOCAN2
IOCAN1
IOCAN0
111
IOCAP
—
—
IOCAP5
IOCAP4
IOCAP3
IOCAP2
IOCAP1
IOCAP0
111
PIE1
TMR1GIE
ADIE
RCIE
TXIE
SSP1IE
CCP1IE
TMR2IE
TMR1IE
75
PIE2
OSFIE
—C1IE
EEIE
BCL1IE
—
—
—
76
PIR1
TMR1GIF
ADIF
RCIF
TXIF
SSP1IF
CCP1IF
TMR2IF
TMR1IF
77
PIR2
OSFIF
—C1IF
EEIF
BCL1IF
—
—
—
78
STATUS
—
—
—TO
PD
Z
DC
C
16
VREGCON(1)
—
—
—
—
—
—VREGPM
Reserved
82
WDTCON
—
—WDTPS<4:0>
SWDTEN
85
Legend:
— = unimplemented, read as ‘0’. Shaded cells are not used in Power-down mode.
Note 1:
PIC12F1840 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com