Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

16F1828 Datasheet(PDF) 90 Page - Microchip Technology

Part # 16F1828
Description  8-Pin Flash Microcontrollers with XLP Technology
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

16F1828 Datasheet(HTML) 90 Page - Microchip Technology

Back Button 16F1828 Datasheet HTML 86Page - Microchip Technology 16F1828 Datasheet HTML 87Page - Microchip Technology 16F1828 Datasheet HTML 88Page - Microchip Technology 16F1828 Datasheet HTML 89Page - Microchip Technology 16F1828 Datasheet HTML 90Page - Microchip Technology 16F1828 Datasheet HTML 91Page - Microchip Technology 16F1828 Datasheet HTML 92Page - Microchip Technology 16F1828 Datasheet HTML 93Page - Microchip Technology 16F1828 Datasheet HTML 94Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 410 page
background image
PIC12(L)F1840
DS41441C-page 90
 2011-2012 Microchip Technology Inc.
11.3
Flash Program Memory Overview
It is important to understand the Flash program mem-
ory structure for erase and programming operations.
Flash program memory is arranged in rows. A row con-
sists of a fixed number of 14-bit program memory
words. A row is the minimum block size that can be
erased by user software.
Flash program memory may only be written or erased
if the destination address is in a segment of memory
that is not write-protected, as defined in bits WRT<1:0>
of Configuration Words.
After a row has been erased, the user can reprogram
all or a portion of this row. Data to be written into the
program memory row is written to 14-bit wide data write
latches. These write latches are not directly accessible
to the user, but may be loaded via sequential writes to
the EEDATH:EEDATL register pair.
The number of data write latches may not be equivalent
to the number of row locations. During programming,
user software may need to fill the set of write latches
and initiate a programming operation multiple times in
order to fully reprogram an erased row. For example, a
device with a row size of 32 words and eight write
latches will need to load the write latches with data and
initiate a programming operation four times.
The size of a program memory row and the number of
program memory write latches may vary by device.
See Table 11-1 for details.
11.3.1
READING THE FLASH PROGRAM
MEMORY
To read a program memory location, the user must:
1.
Write the Least and Most Significant address
bits to the EEADRH:EEADRL register pair.
2.
Clear the CFGS bit of the EECON1 register.
3.
Set the EEPGD control bit of the EECON1
register.
4.
Then, set control bit RD of the EECON1 register.
Once the read control bit is set, the program memory
Flash controller will use the second instruction cycle to
read the data. This causes the second instruction
immediately following the “BSF EECON1,RD” instruction
to be ignored. The data is available in the very next cycle,
in the EEDATH:EEDATL register pair; therefore, it can
be read as two bytes in the following instructions.
EEDATH:EEDATL register pair will hold this value until
another read or until it is written to by the user.
Note:
If the user wants to modify only a portion
of a previously programmed row, then the
contents of the entire row must be read
and saved in RAM prior to the erase.
TABLE 11-1:
FLASH MEMORY
ORGANIZATION BY DEVICE
Device
Erase Block
(Row) Size/
Boundary
Number of
Write Latches/
Boundary
PIC12(L)F1840
32 words,
EEADRL<4:0>
= 00000
32 words,
EEADRL<4:0>
= 00000
Note 1: The two instructions following a program
memory read are required to be NOPs.
This prevents the user from executing a
two-cycle
instruction
on
the
next
instruction after the RD bit is set.
2: Flash program memory can be read
regardless of the setting of the CP bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com