Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1485ARMZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADM1485ARMZ
Description  5 V Low Power EIA RS-485 Transceiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1485ARMZ Datasheet(HTML) 5 Page - Analog Devices

  ADM1485ARMZ Datasheet HTML 1Page - Analog Devices ADM1485ARMZ Datasheet HTML 2Page - Analog Devices ADM1485ARMZ Datasheet HTML 3Page - Analog Devices ADM1485ARMZ Datasheet HTML 4Page - Analog Devices ADM1485ARMZ Datasheet HTML 5Page - Analog Devices ADM1485ARMZ Datasheet HTML 6Page - Analog Devices ADM1485ARMZ Datasheet HTML 7Page - Analog Devices ADM1485ARMZ Datasheet HTML 8Page - Analog Devices ADM1485ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
REV.
Typical Performance Characteristics–ADM1485
–5–
OUTPUT VOLTAGE – V
50
0
45
30
25
20
15
10
5
0
0.50
1.00
1.75
40
35
0.25
0.75
1.25
1.50
2.00
TPC 1. Output Current vs. Receiver Output Low Voltage
OUTPUT VOLTAGE – V
0
3.50
–2
–4
–6
–8
–10
–12
–14
–16
–18
4.00
4.75
5.00
4.25
3.75
4.50
TPC 2. Output Current vs. Receiver Output High Voltage
TEMPERATURE – C
4.55
–50
–25
125
0
255075
100
I = 8mA
4.50
4.45
4.40
4.35
4.30
4.25
4.20
4.15
TPC 3. Receiver Output High Voltage vs. Temperature
TEMPERATURE – C
0.40
0.35
0.15
–50
0.20
–25
0
25
50
75
100
125
I = 8mA
0.25
0.30
TPC 4. Receiver Output Low Voltage vs. Temperature
OUTPUT VOLTAGE – V
90
0
0
10
20
30
40
50
60
70
80
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
TPC 5. Output Current vs. Driver Differential
Output Voltage
TEMPERATURE – C
2.15
–50
1.90
1.95
2.00
2.05
2.10
–25
0
25
50
75
100
125
TPC 6. Driver Differential Output
Voltage vs. Temperature, RL = 26.8
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com