Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1485ARMZ Datasheet(PDF) 10 Page - Analog Devices

Part # ADM1485ARMZ
Description  5 V Low Power EIA RS-485 Transceiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1485ARMZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADM1485ARMZ Datasheet HTML 3Page - Analog Devices ADM1485ARMZ Datasheet HTML 4Page - Analog Devices ADM1485ARMZ Datasheet HTML 5Page - Analog Devices ADM1485ARMZ Datasheet HTML 6Page - Analog Devices ADM1485ARMZ Datasheet HTML 7Page - Analog Devices ADM1485ARMZ Datasheet HTML 8Page - Analog Devices ADM1485ARMZ Datasheet HTML 9Page - Analog Devices ADM1485ARMZ Datasheet HTML 10Page - Analog Devices ADM1485ARMZ Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
ADM1485
–10–
REV. F
Figure 8. 8-Lead Plastic Dual In-Line Package [PDIP]
Narrow Body
(N-8)
Dimensions shown in inches and (millimeters)
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
Brand
ADM1485JNZ
0°C to 70°C
8-Lead PDIP
N-8
ADM1485JRZ
0°C to 70°C
8-Lead SOIC_N
R-8
ADM1485JR-REEL
0°C to 70°C
8-Lead SOIC_N
R-8
ADM1485JRZ-REEL
0°C to 70°C
8-Lead SOIC_N
R-8
ADM1485ANZ
−40°C to +85°C
8-Lead PDIP
N-8
ADM1485ARMZ
−40°C to +85°C
8-Lead MSOP
RM-8
M42
ADM1485ARMZ-REEL
−40°C to +85°C
8-Lead MSOP
RM-8
M42
ADM1485ARMZ-REEL7
−40°C to +85°C
8-Lead MSOP
RM-8
M42
ADM1485ARZ
8-Lead SOIC_N
R-8
ADM1485ARZ-REEL
8-Lead SOIC_N
R-8
ADM1485ARZ-REEL7
8-Lead SOIC_N
R-8
ADM1485JCHIPS
Die
1 Z = RoHS Compliant Part.
COMPLIANT TO JEDEC STANDARDS MS-001
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
CORNER LEADS MAY BE CONFIGURED AS WHOLE OR HALF LEADS.
0.022 (0.56)
0.018 (0.46)
0.014 (0.36)
SEATING
PLANE
0.015
(0.38)
MIN
0.210 (5.33)
MAX
0.150 (3.81)
0.130 (3.30)
0.115 (2.92)
0.070 (1.78)
0.060 (1.52)
0.045 (1.14)
8
1
4
5
0.280 (7.11)
0.250 (6.35)
0.240 (6.10)
0.100 (2.54)
BSC
0.400 (10.16)
0.365 (9.27)
0.355 (9.02)
0.060 (1.52)
MAX
0.430 (10.92)
MAX
0.014 (0.36)
0.010 (0.25)
0.008 (0.20)
0.325 (8.26)
0.310 (7.87)
0.300 (7.62)
0.195 (4.95)
0.130 (3.30)
0.115 (2.92)
0.015 (0.38)
GAUGE
PLANE
0.005 (0.13)
MIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com