Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST25WF080 Datasheet(PDF) 24 Page - Microchip Technology

Part # SST25WF080
Description  8 Mbit 1.8V SPI Serial Flash
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25WF080 Datasheet(HTML) 24 Page - Microchip Technology

Back Button SST25WF080_12 Datasheet HTML 20Page - Microchip Technology SST25WF080_12 Datasheet HTML 21Page - Microchip Technology SST25WF080_12 Datasheet HTML 22Page - Microchip Technology SST25WF080_12 Datasheet HTML 23Page - Microchip Technology SST25WF080_12 Datasheet HTML 24Page - Microchip Technology SST25WF080_12 Datasheet HTML 25Page - Microchip Technology SST25WF080_12 Datasheet HTML 26Page - Microchip Technology SST25WF080_12 Datasheet HTML 27Page - Microchip Technology SST25WF080_12 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
©2012 Silicon Storage Technology, Inc.
DS25024C
10/12
24
8 Mbit 1.8V SPI Serial Flash
SST25WF080
Not Recommended for New Designs
JEDEC Read-ID
The JEDEC Read-ID instruction identifies the device as SST25WF080 and the manufacturer as SST.
The device information can be read from executing the 8-bit command, 9FH. Following the JEDEC
Read-ID instruction, the 8-bit manufacturer’s ID, BFH, is output from the device. After that, a 16-bit
device ID is shifted out on the SO pin. The Device ID is assigned by the manufacturer and contains the
type of memory in the first byte and the memory capacity of the device in the second byte. See Figure
24 for the instruction sequence. The JEDEC Read ID instruction is terminated by a low to high transi-
tion on CE# at any time during data output.
Figure 24:JEDEC Read-ID Sequence
Table 8: JEDEC Read-ID Data-Out
Device ID
Manufacturer’s ID (Byte 1)
Memory Type
(Byte 2)
Memory Capacity
(Byte 3)
BFH
25H
05H
T8.0 25024
25
05H
1203 F23.0
CE#
SO
SI
SCK
012345678
HIGH IMPEDANCE
15 16
14
28 29 30 31
BF
MODE 3
MODE 0
MSB
MSB
9 10111213
1718
32
34
9F
19 20 21 22 23
33
24 25 26 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com