Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST25WF080 Datasheet(PDF) 26 Page - Microchip Technology

Part # SST25WF080
Description  8 Mbit 1.8V SPI Serial Flash
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25WF080 Datasheet(HTML) 26 Page - Microchip Technology

Back Button SST25WF080_12 Datasheet HTML 22Page - Microchip Technology SST25WF080_12 Datasheet HTML 23Page - Microchip Technology SST25WF080_12 Datasheet HTML 24Page - Microchip Technology SST25WF080_12 Datasheet HTML 25Page - Microchip Technology SST25WF080_12 Datasheet HTML 26Page - Microchip Technology SST25WF080_12 Datasheet HTML 27Page - Microchip Technology SST25WF080_12 Datasheet HTML 28Page - Microchip Technology SST25WF080_12 Datasheet HTML 29Page - Microchip Technology SST25WF080_12 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 33 page
background image
©2012 Silicon Storage Technology, Inc.
DS25024C
10/12
26
8 Mbit 1.8V SPI Serial Flash
SST25WF080
Not Recommended for New Designs
Power-Up Specifications
All functionalities and DC specifications are specified for a VDD ramp rate of greater than 1V per 100
ms (0V to 1.8V in less than 180 ms). If the VDD ramp rate is slower than 1V/100 ms, a hardware reset
is required. The recommended VDD power-up to RESET# high time should be greater than 100 µs to
ensure a proper reset. See Table 11 and Figures 25 and 26 for more information.
Figure 25:Power-Up Reset Diagram
Figure 26:Power-up Timing Diagram
Table 11: Recommended System Power-up Timings
Symbol
Parameter
Minimum
Units
TPU-READ1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
VDD Min to Read Operation
100
µs
TPU-WRITE1
VDD Min to Write Operation
100
µs
T11.0 25024
1203 F37.0
VDD
RESET#
CE#
TPU-READ
VDD min
0V
VIH
TRECR
Note: See Table 2 on page 7 for TRECR parameter.
Time
VDD Min
VDD Max
VDD
Device fully accessible
TPU-READ
TPU-WRITE
Chip selection is not allowed.
Commands may not be accepted or properly
interpreted by the device.
1203 F27.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com