Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7180BSTZ Datasheet(PDF) 39 Page - Analog Devices

Part # ADV7180BSTZ
Description  10-Bit, 4횞 Oversampling SDTV Video Decoder
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7180BSTZ Datasheet(HTML) 39 Page - Analog Devices

Back Button ADV7180BSTZ Datasheet HTML 35Page - Analog Devices ADV7180BSTZ Datasheet HTML 36Page - Analog Devices ADV7180BSTZ Datasheet HTML 37Page - Analog Devices ADV7180BSTZ Datasheet HTML 38Page - Analog Devices ADV7180BSTZ Datasheet HTML 39Page - Analog Devices ADV7180BSTZ Datasheet HTML 40Page - Analog Devices ADV7180BSTZ Datasheet HTML 41Page - Analog Devices ADV7180BSTZ Datasheet HTML 42Page - Analog Devices ADV7180BSTZ Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 120 page
background image
Data Sheet
ADV7180
Rev. G | Page 39 of 120
CHROMA TRANSIENT IMPROVEMENT (CTI)
The signal bandwidth allocated for chroma is typically much
smaller than that for luminance. In the past, this was a valid way
to fit a color video signal into a given overall bandwidth because
the human eye is less sensitive to chrominance than to luminance.
The uneven bandwidth, however, may lead to visual artifacts in
sharp color transitions. At the border of two bars of color, both
components (luma and chroma) change at the same time (see
Figure 29). Due to the higher bandwidth, the signal transition
of the luma component is usually much sharper than that of the
chroma component. The color edge is not sharp and can be
blurred, in the worst case, over several pixels.
LUMA SIGNAL
DEMODULATED
CHROMA SIGNAL
LUMA SIGNAL WITH A
TRANSITION, ACCOMPANIED
BY A CHROMA TRANSITION
ORIGINAL, SLOW CHROMA
TRANSITION PRIOR TO CTI
SHARPENED CHROMA
TRANSITION AT THE
OUTPUT OF CTI
Figure 29. CTI Luma/Chroma Transition
The chroma transient improvement block examines the input video
data. It detects transitions of chroma and can be programmed to
create steeper chroma edges in an attempt to artificially restore
lost color bandwidth. The CTI block, however, operates only
on edges above a certain threshold to ensure that noise is not
emphasized. Care has also been taken to ensure that edge
ringing and undesirable saturation or hue distortion are avoided.
Chroma transient improvements are needed primarily for
signals that have severe chroma bandwidth limitations. For
those types of signals, it is strongly recommended to enable
the CTI block via CTI_EN.
CTI_EN, Chroma Transient Improvement Enable,
Address 0x4D[0]
Setting CTI_EN to 0 disables the CTI block.
Setting CTI_EN to 1 (default) enables the CTI block.
CTI_AB_EN, Chroma Transient Improvement
Alpha Blend Enable, Address 0x4D[1]
The CTI_AB_EN bit enables an alpha blend function within
the CTI block. If set to 1, the alpha blender mixes the transient
improved chroma with the original signal. The sharpness of the
alpha blending can be configured via the CTI_AB[1:0] bits.
For the alpha blender to be active, the CTI block must be
enabled via the CTI_EN bit.
Setting CTI_AB_EN to 0 disables the CTI alpha blender.
Setting CTI_AB_EN to 1 (default) enables the CTI alpha-blend
mixing function.
CTI_AB[1:0], Chroma Transient Improvement Alpha
Blend, Address 0x4D[3:2]
The CTI_AB[1:0] controls the behavior of alpha blend circuitry
that mixes the sharpened chroma signal with the original one. It
thereby controls the visual impact of CTI on the output data.
For CTI_AB[1:0] to become active, the CTI block must be
enabled via the CTI_EN bit, and the alpha blender must be
switched on via CTI_AB_EN.
Sharp blending maximizes the effect of CTI on the picture but
may also increase the visual impact of small amplitude, high
frequency chroma noise.
Table 48. CTI_AB Function
CTI_AB[1:0]
Description
00
Sharpest mixing between sharpened and
original chroma signal
01
Sharp mixing
10
Smooth mixing
11 (default)
Smoothest alpha blend function
CTI_C_TH[7:0], CTI Chroma Threshold, Address 0x4E[7:0]
The CTI_C_TH[7:0] value is an unsigned, 8-bit number specifying
how big the amplitude step in a chroma transition must be to be
steepened by the CTI block. Programming a small value into this
register causes even smaller edges to be steepened by the CTI
block. Making CTI_C_TH[7:0] a large value causes the block to
improve large transitions only.
The default value for CTI_C_TH[7:0] is 0x08, indicating the
threshold for the chroma edges prior to CTI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com