Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7180BSTZ Datasheet(PDF) 21 Page - Analog Devices

Part # ADV7180BSTZ
Description  10-Bit, 4횞 Oversampling SDTV Video Decoder
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7180BSTZ Datasheet(HTML) 21 Page - Analog Devices

Back Button ADV7180BSTZ Datasheet HTML 17Page - Analog Devices ADV7180BSTZ Datasheet HTML 18Page - Analog Devices ADV7180BSTZ Datasheet HTML 19Page - Analog Devices ADV7180BSTZ Datasheet HTML 20Page - Analog Devices ADV7180BSTZ Datasheet HTML 21Page - Analog Devices ADV7180BSTZ Datasheet HTML 22Page - Analog Devices ADV7180BSTZ Datasheet HTML 23Page - Analog Devices ADV7180BSTZ Datasheet HTML 24Page - Analog Devices ADV7180BSTZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 120 page
background image
Data Sheet
ADV7180
Rev. G | Page 21 of 120
ANTIALIASING FILTERS
The ADV7180 has optional on-chip antialiasing (AA) filters on
each of the three channels that are multiplexed to the ADC (see
Figure 15). The filters are designed for standard definition video
up to 10 MHz bandwidth. Figure 16 and Figure 17 show the
filter magnitude and phase characteristics.
The antialiasing filters are enabled by default and the selection
of INSEL[3:0] determines which filters are powered up at any
given time. For example, if CVBS mode is selected, the filter
circuits for the remaining input channels are powered down to
conserve power. However, the antialiasing filters can be disabled
or bypassed using the AA_FILT_MAN_OVR control.
AIN1
AIN2
AIN3
AIN41
AIN51
AIN61
AA
FILTER 1
AA
FILTER 2
AA
FILTER 3
10-BIT, 86MHz
ADC
SHA
A/D
1ONLY AVAILABLE IN 64-LEAD AND 48-LEAD PACKAGES.
Figure 15. Antialias Filter Configuration
AA_FILT_MAN_OVR, Antialiasing Filter Override,
Address 0xF3[3]
This feature allows the user to override the antialiasing filters
on/off settings, which are automatically selected by INSEL[3:0].
AA_FILT_EN, Antialiasing Filter Enable, Address 0xF3[2:0]
These bits allow the user to enable or disable the antialiasing
filters on each of the three input channels multiplexed to the
ADC. When disabled, the analog signal bypasses the AA filter
and is routed directly to the ADC.
AA_FILT_EN, Address 0xF3[0]
When AA_FILT_EN[0] is 0, AA Filter 1 is bypassed.
When AA_FILT_EN[0] is 1, AA Filter 1 is enabled.
AA_FILT_EN, Address 0xF3[1]
When AA_FILT_EN[1] is 0, AA Filter 2 is bypassed.
When AA_FILT_EN[1] is 1, AA Filter 2 is enabled.
AA_FILT_EN, Address 0xF3[2]
When AA_FILT_EN[2] is 0, AA Filter 3 is bypassed.
When AA_FILT_EN[2] is 1, AA Filter 3 is enabled.
0
–36
1k
100M
FREQUENCY (Hz)
10k
100k
1M
10M
–4
–8
–12
–16
–20
–24
–28
–32
Figure 16. Antialiasing Filter Magnitude Response
0
–150
1k
100M
FREQUENCY (Hz)
10k
100k
1M
10M
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
Figure 17. Antialiasing Filter Phase Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com