| Electronic Components Datasheet Search |
|
DAC8043GP Datasheet(PDF) 12 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
DAC8043GP Datasheet(HTML) 12 Page - Analog Devices |
|
12 / 16 page ![]() DAC8043 Rev. E | Page 12 of 16 APPLICATIONS INFORMATION APPLICATION TIPS In most applications, linearity depends upon the potential of the IOUT and GND pins being equal to each other. In most applications, the DAC is connected to an external op amp with its noninverting input tied to ground (see Figure 16 and Figure 17). The amplifier selected should have a low input bias current and low drift over temperature. The amplifier’s input offset voltage should be nulled to less than 200 μV (less than 10% of 1 LSB). The noninverting input of the operational amplifier should have a minimum resistance connection to ground; the usual bias current compensation resistor should not be used. This resistor can cause a variable offset voltage appearing as a varying output error. All grounded pins should tie to a single common ground point, avoiding ground loops. The VDD power supply should have a low noise level with no transients greater than 17 V. Unipolar Operation (2-Quadrant) The circuits shown in Figure 16 and Figure 17 may be used with an ac or dc reference voltage. The output of the circuit ranges between 0 V and approximately −VREF (4095/4096), depending upon the digital input code. The relationship between the digital input and the analog output is shown in Table 6. The limiting parameters for the VREF range are the maximum input voltage range of the op amp or ±25 V, whichever is lowest. OP77 DAC8043 3 2 6 4 7 +15V 5V 15pF VOUT RFB VDD VREF IOUT GND SERIAL DATA INPUT CLK VREF 10V –15V LD Figure 16. Unipolar Operation with High Accuracy Op Amp (2-Quadrant) OP42 DAC8043 2 3 6 4 7 +15V 5V 15pF VOUT RFB VDD VREF IOUT GND SERIAL DATA INPUT CLK VREF 10V R2 50 Ω R1 100 Ω –15V LD Figure 17. Unipolar Operation with Fast Op Amp and Gain Error Trimming (2-Quadrant) Gain error may be trimmed by adjusting R1, as shown in Figure 17. The DAC register must first be loaded with all 1s. R1 may then be adjusted until VOUT = −VREF (4095/4096). In the case of an adjustable VREF, R1 and R2 may be omitted, with VREF adjusted to yield the desired full-scale output. In most applications, the DAC8043’s negligible zero-scale error and very low gain error permit the elimination of the trimming components (R1 and the external R2) without adversely affecting on circuit performance. Table 6. Unipolar Code Table1, 2 Digital Input Nominal Analog Output MSB LSB (V OUT as Shown in Figure 16 and Figure 17) 1111 1111 1111 − 4096 4095 REF V 1000 0000 0001 − 4096 2049 REF V 1000 0000 0000 2 4096 2048 REF REF V V − = − 0111 1111 1111 − 4096 2047 REF V 0000 0000 0001 − 4096 1 REF V 0000 0000 0000 0 4096 0 = − REF V 1 Nominal full scale for Figure 16 and Figure 17 circuits is given by − = 4096 4095 REF V FS 2 Nominal LSB magnitude for Figure 16 and Figure 17 circuits is given by ( )n REF REF V V LSB − = 2 or 4096 1 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |