| Electronic Components Datasheet Search |
|
DAC8043GP Datasheet(PDF) 14 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
DAC8043GP Datasheet(HTML) 14 Page - Analog Devices |
|
14 / 16 page ![]() DAC8043 Rev. E | Page 14 of 16 INTERFACING TO THE MC6800 As shown in Figure 20, the DAC8043 may be interfaced to the MC6800 by successively executing memory write instructions while manipulating the data between writes, so that each write presents the next bit. In this example, the most significant bits are found in the 0000 and 0001 memory locations. The four MSBs are found in the lower half of 0000 and the eight LSBs in 0001. The data is taken from the DB7 line. The serial data loading is triggered by the CLK pulse, which is asserted by a decoded memory write to the 2000 memory location, R/W, and Φ2. A write to address location 4000 transfers data from the input register to the DAC register. 74LS138 ADDRESS DECODER A0 A0 A15 DB0 DB7 E1 E3 E2 A2 SRI CLK LD DAC8043* 16-BIT DATA BUS R/W Φ2 8-BIT DATA BUS MC6800 *ANALOG CIRCUITRY OMITTED FOR SIMPLICITY. Figure 20. DAC8043 to MC6800 Interface DAC8043 INTERFACE TO THE 8085 The interface of the DAC8043 to the 8085 microprocessor is shown in Figure 21. Note that the SOD line of the micro- processor is used to present data serially to the DAC. Data is clocked into the DAC8043 by executing memory write instructions. The clock input is generated by decoding Address 8000 and WR. Data is loaded into the DAC register with a memory write instruction to Address A000. Serial data supplied to the DAC8043 must be present in the right-justified format in Register H and Register L of the microprocessor. A0 A15 AD0 AD7 (8) (8) ALE SOD SRI *ANALOG CIRCUITRY OMITTED FOR SIMPLICITY. CLK LD DAC8043* ADDRESS BUS (16) DATA 8085 8212 WR 74LS138 ADDRESS DECODER A0 E1 E3 5V E2 A2 Figure 21. DAC8043 to 8085 Interface DAC8043 TO THE 68000 INTERFACE The interface of the DAC8043 to the 68000 microprocessor is shown in Figure 22. Serial data to the DAC is taken from one of the microprocessor’s data bus lines. A1 A23 AS VMA VPA UDS DB0 DB15 SRI CLK LD DAC8043* ADDRESS BUS DATA BUS 1/4 74HC125 68000 MICRO- PROCESSOR *ANALOG CIRCUITRY OMITTED FOR SIMPLICITY. ADDRESS DECODE CS + Figure 22. DAC8043 to 68000 Microprocessor Interface |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |