Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5271 Datasheet(PDF) 7 Page - Analog Devices

Part # AD5271
Description  1024-/256-Position, 1% Resistor Tolerance Error, SPI Interface and 50-TP Memory Digital Rheostat
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5271 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD5271 Datasheet HTML 3Page - Analog Devices AD5271 Datasheet HTML 4Page - Analog Devices AD5271 Datasheet HTML 5Page - Analog Devices AD5271 Datasheet HTML 6Page - Analog Devices AD5271 Datasheet HTML 7Page - Analog Devices AD5271 Datasheet HTML 8Page - Analog Devices AD5271 Datasheet HTML 9Page - Analog Devices AD5271 Datasheet HTML 10Page - Analog Devices AD5271 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Data Sheet
AD5270/AD5271
Rev. F | Page 7 of 24
INTERFACE TIMING SPECIFICATIONS
VDD = 2.5 V to 5.5 V, VSS = 0 V; VDD = 2.5 V, VSS = −2.5 V; all specifications TMIN to TMAX, unless otherwise noted.
Table 7.
Parameter
Limit1
Unit
Test Conditions/Comments
t12
20
ns min
SCLK cycle time
t2
10
ns min
SCLK high time
t3
10
ns min
SCLK low time
t4
15
ns min
SYNC to SCLK falling edge setup time
t5
5
ns min
Data setup time
t6
5
ns min
Data hold time
t7
1
ns min
SCLK falling edge to SYNC rising edge
t83, 4
500
ns min
Minimum SYNC high time
t9
15
ns min
SYNC rising edge to next SCLK fall ignored
t105
450
ns max
SCLK rising edge to SDO valid
tRDAC_R-PERF
2
μs max
RDAC register write command execute time
tRDAC_NORMAL
600
ns max
RDAC register write command execute time
tMEMORY_READ
6
μs max
Memory readback execute time
tMEMORY_PROGRAM
350
ms max
Memory program time
tRESET
0.6
ms max
Reset 50-TP restore time
tPOWER-UP6
2
ms max
Power-on 50-TP restore time
1 All input signals are specified with tr = tf = 1 ns/V (10% to 90% of VDD) and timed from a voltage level of (VIL + VIH)/2.
2 Maximum SCLK frequency is 50 MHz.
3 Refer to tRDAC_R-PER and tRDAC_NORMAL for RDAC register write operations.
4 Refer to t
MEMORY_READ
and tMEMORY_PROGRAM for memory commands operations.
5 RPULL_UP = 2.2 kΩ to VDD with a capacitance load of 168 pF.
6 Maximum time after VDD − VSS is equal to 2.5 V.
Shift Register and Timing Diagrams
DATA BITS
DB9 (MSB)
DB0 (LSB)
D7
D6
D5
D4
D3
D2
D1
D0
CONTROL BITS
C0
C1
C2
D9
D8
C3
0
0
Figure 2. Shift Register Content
0
0
C3
C2
D7
D6
D5
D2
D1
D0
SCLK
SDO
DIN
SYNC
t7
t9
t1
t2
t4
t3
t8
t5
t6
Figure 3. Write Timing Diagram (CPOL = 0, CPHA = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com