Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5271 Datasheet(PDF) 16 Page - Analog Devices

Part # AD5271
Description  1024-/256-Position, 1% Resistor Tolerance Error, SPI Interface and 50-TP Memory Digital Rheostat
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5271 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD5271 Datasheet HTML 12Page - Analog Devices AD5271 Datasheet HTML 13Page - Analog Devices AD5271 Datasheet HTML 14Page - Analog Devices AD5271 Datasheet HTML 15Page - Analog Devices AD5271 Datasheet HTML 16Page - Analog Devices AD5271 Datasheet HTML 17Page - Analog Devices AD5271 Datasheet HTML 18Page - Analog Devices AD5271 Datasheet HTML 19Page - Analog Devices AD5271 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
AD5270/AD5271
Data Sheet
Rev. F | Page 16 of 24
4
5
6
7
8
TIME (Seconds)
0.07
0.09
0.11
0.13
0.15
0.17
Figure 37. VEXT_CAPWaveform While Writing Fuse
0.006
–0.002
–0.001
0
0.001
0.002
0.003
0.004
0.005
0
1000
900
800
700
600
500
400
300
200
100
OPERATION AT 150°C (Hours)
VDD/VSS = 5V/0V
IAW = 10µA
CODE = HALF SCALE
Figure 38. Long-Term Drift Accelerated Average by Burn-In



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com