Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC446TETRT Datasheet(PDF) 2 Page - Samtec, Inc

Part # SC446TETRT
Description  High Efficiency Integrated Driver for 3-Strings of 100mA LEDs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

SC446TETRT Datasheet(HTML) 2 Page - Samtec, Inc

  SC446TETRT Datasheet HTML 1Page - Samtec, Inc SC446TETRT Datasheet HTML 2Page - Samtec, Inc SC446TETRT Datasheet HTML 3Page - Samtec, Inc SC446TETRT Datasheet HTML 4Page - Samtec, Inc SC446TETRT Datasheet HTML 5Page - Samtec, Inc SC446TETRT Datasheet HTML 6Page - Samtec, Inc SC446TETRT Datasheet HTML 7Page - Samtec, Inc SC446TETRT Datasheet HTML 8Page - Samtec, Inc SC446TETRT Datasheet HTML 9Page - Samtec, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
SC446
2
© 2010 Semtech Corporation
www.semtech.com
Pin Configuration
Ordering Information
Marking Information
Notes:
(1) Available in tape and reel only. A reel contains 2,500 devices.
(2) Available in lead-free package only. This product is fully WEEE/RoHS
compliant, Pb free and Halogen free.
(TSSOP-16 EDP)
θ
JA = 39º C/W
Device
Package
SC446TETRT (1,2)
TSSOP-16 EDP
SC446EVB
Evaluation Board
5
5
4
4
3
3
2
2
1
1
D
D
C
C
B
B
A
A
VOUT
IOSET
IO1
IO3
PGND
AGND
IO2
PWM
EN
COMP
SS
OVPRTN
OVPIN
SW
VIN
PGND
1
9
16
8
Marking for the TSSOP-EP 16 Lead package:
nnnnn = Part Number (Example: SC446)
yyww = Date (Example: 0952)
xxxx = Semtech Lot # (Example: E901)
Top Mark



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com