Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC446TETRT Datasheet(PDF) 3 Page - Samtec, Inc

Part # SC446TETRT
Description  High Efficiency Integrated Driver for 3-Strings of 100mA LEDs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

SC446TETRT Datasheet(HTML) 3 Page - Samtec, Inc

  SC446TETRT Datasheet HTML 1Page - Samtec, Inc SC446TETRT Datasheet HTML 2Page - Samtec, Inc SC446TETRT Datasheet HTML 3Page - Samtec, Inc SC446TETRT Datasheet HTML 4Page - Samtec, Inc SC446TETRT Datasheet HTML 5Page - Samtec, Inc SC446TETRT Datasheet HTML 6Page - Samtec, Inc SC446TETRT Datasheet HTML 7Page - Samtec, Inc SC446TETRT Datasheet HTML 8Page - Samtec, Inc SC446TETRT Datasheet HTML 9Page - Samtec, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
SC446
3
© 2010 Semtech Corporation
www.semtech.com
Recommended Operating Conditions
Absolute Maximum Ratings
Exceeding the above specifications may result in permanent damage to the device or device malfunction. Operation outside of the parameters
specified in the Electrical Characteristics section is not recommended.
NOTES-
(1) Calculated from package in still air, mounted to 3” x 4.5”, 4 layer FR4 PCB with thermal vias under the exposed pad per JESD51 standards.
(2) Tested according to JEDEC standard JESD22-A114-B.
Electrical Characteristics
Thermal Information
V
IN Pin: Supply Voltage …………………………… -0.3 to 30V
Maximum Output Power ………………………………
22W
SW, OVPIN, OVPRTN, VOUT, IO1~IO3 Voltage …… -0.3 to 40V
IOSET Voltage ……………………………………… -0.3 to 2V
SS, COMP Voltage ………………………………… -0.3 to 4V
EN, PWM, Voltage …………………………… -0.3 to V
IN +0.3V
PGND to AGND ………………………………………
± 0.3V
Peak IR Reflow Temperature …………………………… 260°C
ESD Protection Level(2) ………………………………
3.5kV
Input Voltage Range ……………………………… 4.5V~27V
Maximum Output Voltage ……………………………… 36V
Maximum LED Current ……………………………… 100mA
Junction to Ambient(1) ……………………………… 39°C/W
Maximum Junction Temperature ……………………… 150°C
Storage Temperature ………………………… -65 to +150°C
Lead Temperature (Soldering) 10 sec ………………… 260°C
Unless otherwise specified: V
IN =12V, -40°C < TA = TJ < 105°C, RIOSET=2.61kW.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Input Supply
Under-Voltage Lockout Threshold
UVLO-TH
V
IN rising
4.3
4.45
V
UVLO Hysteresis
UVLO-H
250
mV
V
IN Quiescent Supply Current
I
IN_Q
No switching
3
mA
V
IN Supply Current in Shutdown
I
IN_S
EN / PWM = low
1
µA
Oscillator
Switching Frequency
F
S
0.56
0.7
0.84
MHz
Internal Power Switcher
Switch Current Limit
I
SW
2.5
3.32
A
Switch Saturation Voltage
V
SAT
I
SW = 1A
200
350
mV
Switch Leakage Current
I
S_LEAK
0.1
1
µA
Maximum Duty Cycle
D
MAX
88
93
%
Minimum Duty Cycle
D
MIN
0
%
Minimum On-Time(1)
T
ON_MIN
100
ns
Compensation
Sourcing Current
I
EA_SOURCE
V
COMP = 0.5V
5
µA
Sinking Current
I
EA_SINK
V
COMP = 2V
6
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com