Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9500AI Datasheet(PDF) 19 Page - SMSC Corporation

Part # LAN9500AI
Description  USB 2.0 to 10/100 Ethernet Controller Promiscuous mode
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9500AI Datasheet(HTML) 19 Page - SMSC Corporation

Back Button LAN9500AI Datasheet HTML 15Page - SMSC Corporation LAN9500AI Datasheet HTML 16Page - SMSC Corporation LAN9500AI Datasheet HTML 17Page - SMSC Corporation LAN9500AI Datasheet HTML 18Page - SMSC Corporation LAN9500AI Datasheet HTML 19Page - SMSC Corporation LAN9500AI Datasheet HTML 20Page - SMSC Corporation LAN9500AI Datasheet HTML 21Page - SMSC Corporation LAN9500AI Datasheet HTML 22Page - SMSC Corporation LAN9500AI Datasheet HTML 23Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 66 page
background image
USB 2.0 to 10/100 Ethernet Controller
Datasheet
SMSC LAN950x Family
19
Revision 1.1 (04-18-13)
DATASHEET
1
Ethernet
Full-Duplex
Indicator LED
nFDX_LED
OD12
(PU)
This pin is driven low (LED on) when the Ethernet
link is operating in full-duplex mode.
General
Purpose I/O 8
GPIO8
IS/O12/
OD12
(PU)
This General Purpose I/O pin is fully
programmable as either a push-pull output, an
open-drain output, or a Schmitt-triggered input.
Note:
(LAN9500A/LAN9500Ai only)
This pin may be used to signal PME
when External PHY and PME modes of
operation are in effect. Refer to
Chapter 6, "PME Operation," on
page 41 for additional information.
Note:
By default this pin is configured as a
GPIO.
1
Ethernet Link
Activity
Indicator LED
nLNKA_LED
OD12
(PU)
This pin is driven low (LED on) when a valid link
is detected. This pin is pulsed high (LED off) for
80mS whenever transmit or receive activity is
detected. This pin is then driven low again for a
minimum of 80mS, after which time it will repeat
the process if TX or RX activity is detected.
Effectively, LED2 is activated solid for a link.
When transmit or receive activity is sensed,
LED2 will function as an activity indicator.
General
Purpose I/O 9
GPIO9
IS/O12/
OD12
(PU)
This General Purpose I/O pin is fully
programmable as either a push-pull output, an
open-drain output, or a Schmitt-triggered input.
Note:
(LAN9500A/LAN9500Ai only)
This pin may serve as the
PME_MODE_SEL input when External
PHY and PME modes of operation are
in effect. Refer to Chapter 6, "PME
Operation," on page 41 for additional
information.
Note:
By default this pin is configured as a
GPIO.
Table 3.4 Miscellaneous Pins (continued)
NUM PINS
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com