Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9500AI Datasheet(PDF) 40 Page - SMSC Corporation

Part # LAN9500AI
Description  USB 2.0 to 10/100 Ethernet Controller Promiscuous mode
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9500AI Datasheet(HTML) 40 Page - SMSC Corporation

Back Button LAN9500AI Datasheet HTML 36Page - SMSC Corporation LAN9500AI Datasheet HTML 37Page - SMSC Corporation LAN9500AI Datasheet HTML 38Page - SMSC Corporation LAN9500AI Datasheet HTML 39Page - SMSC Corporation LAN9500AI Datasheet HTML 40Page - SMSC Corporation LAN9500AI Datasheet HTML 41Page - SMSC Corporation LAN9500AI Datasheet HTML 42Page - SMSC Corporation LAN9500AI Datasheet HTML 43Page - SMSC Corporation LAN9500AI Datasheet HTML 44Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 66 page
background image
USB 2.0 to 10/100 Ethernet Controller
Datasheet
Revision 1.1 (04-18-13)
40
SMSC LAN950x Family
DATASHEET
5.5
Customized Operation Without EEPROM
Customized operation without EEPROM is supported only by LAN9500A/LAN9500Ai.
The device provides the capability to customize operation without the use of an EEPROM. Descriptor
information and initialization quantities normally fetched from EEPROM and used to initialize
descriptors and elements of the System Control and Status Registers may be specified via an alternate
mechanism. This alternate mechanism involves the use of the Descriptor RAM in conjunction with the
Attribute Registers and select elements of the System Control and Status Registers. The software
device driver orchestrates the process by performing the following actions in the order indicated:
Initialization of System Control and Status Register Elements in Lieu of EEPROM Load
Attribute Register Initialization
Descriptor RAM Initialization
Enable Descriptor RAM and Flag Attribute Registers as Source
Inhibit Reset of Select System Control and Status Register Elements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com