Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM555CMM/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM555CMM/NOPB
Description  Timing from Microseconds through Hours
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM555CMM/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM555CMM/NOPB Datasheet HTML 1Page - Texas Instruments LM555CMM/NOPB Datasheet HTML 2Page - Texas Instruments LM555CMM/NOPB Datasheet HTML 3Page - Texas Instruments LM555CMM/NOPB Datasheet HTML 4Page - Texas Instruments LM555CMM/NOPB Datasheet HTML 5Page - Texas Instruments LM555CMM/NOPB Datasheet HTML 6Page - Texas Instruments LM555CMM/NOPB Datasheet HTML 7Page - Texas Instruments LM555CMM/NOPB Datasheet HTML 8Page - Texas Instruments LM555CMM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
LM555
SNAS548C – FEBRUARY 2000 – REVISED MARCH 2013
www.ti.com
Electrical Characteristics
(1) (2) (continued)
(TA = 25°C, VCC = +5V to +15V, unless otherwise specified)
Limits
Parameter
Test Conditions
LM555C
Units
Min
Typ
Max
Output Voltage Drop (High)
ISOURCE = 200mA, VCC = 15V
12.5
V
ISOURCE = 100mA, VCC = 15V
12.75
13.3
V
VCC = 5V
2.75
3.3
V
Rise Time of Output
100
ns
Fall Time of Output
100
ns
4
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM555



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com