Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM555CMM/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM555CMM/NOPB
Description  Timing from Microseconds through Hours
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM555CMM/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LM555CMM/NOPB Datasheet HTML 1Page - Texas Instruments LM555CMM/NOPB Datasheet HTML 2Page - Texas Instruments LM555CMM/NOPB Datasheet HTML 3Page - Texas Instruments LM555CMM/NOPB Datasheet HTML 4Page - Texas Instruments LM555CMM/NOPB Datasheet HTML 5Page - Texas Instruments LM555CMM/NOPB Datasheet HTML 6Page - Texas Instruments LM555CMM/NOPB Datasheet HTML 7Page - Texas Instruments LM555CMM/NOPB Datasheet HTML 8Page - Texas Instruments LM555CMM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
LM555
SNAS548C – FEBRUARY 2000 – REVISED MARCH 2013
www.ti.com
Connection Diagram
Top View
Figure 1. PDIP, SOIC,
and VSSOP Packages
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Supply Voltage
+18V
Power Dissipation (3)
LM555CM, LM555CN(4)
1180 mW
LM555CMM
613 mW
Operating Temperature Ranges
LM555C
0°C to +70°C
Storage Temperature Range
−65°C to +150°C
Soldering Information
PDIP Package
Soldering (10 Seconds)
260°C
Small Outline Packages
(SOIC and VSSOP)
Vapor Phase (60 Seconds)
215°C
Infrared (15 Seconds)
220°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensures specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not ensured for parameters where no limit is given, however, the typical value is a good indication
of device performance.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
(3)
For operating at elevated temperatures the device must be derated above 25°C based on a +150°C maximum junction temperature and
a thermal resistance of 106°C/W (PDIP), 170°C/W (S0IC-8), and 204°C/W (VSSOP) junction to ambient.
(4)
Refer to RETS555X drawing of military LM555H and LM555J versions for specifications.
2
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM555



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com