Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F303VCT6 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STM32F303VCT6
Description  ARM Cortex-M4 32b MCUFPU, up to 256KB Flash48KB SRAM 4 ADCs, 2 DAC ch., 7 comp, 4 PGA, timers, 2.0-3.6 V operation
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303VCT6 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STM32F303VCT6 Datasheet HTML 7Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 8Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 9Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 10Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 11Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 12Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 13Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 14Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 132 page
background image
DocID023353 Rev 6
11/132
STM32F302xx/STM32F303xx
Description
53
Figure 1. STM32F302xB/STM32F302xC block diagram
1. AF: alternate function on I/O pins.
MSv18959V6
Touch Sensing
Controller
TIMER 16
2 Channels,1 Comp
Channel, BRK as AF
TIMER 17
TIMER 1 / PWM
SPI1
MOSI, MISO,
SCK,NSS as AF
USART1
RX, TX, CTS, RTS,
SmartCard as AF
WinWATCHDOG
MPU/FPU
Cortex M4 CPU
Fmax: 72 MHz
NVIC
GP DMA1
7 channels
FLASH 256 KB
64 bits
JTRST
JTDI
JTCK/SWCLK
JTMS/SWDIO
JTDO
As AF
Power
Voltage reg.
3.3 V to 1.8V
VDD18
Supply
Supervision
POR /PDR
PVD
POR
Reset
Int.
VDDIO = 2 to 3.6 V
VSS
NRESET
VDDA
VSSA
Ind. WDG32K
Standby
interface
PLL
@VDDIO
@VDDA
XTAL OSC
4 -32 MHz
Reset &
clock
control
AHBPCLK
APBP1CLK
APBP2CLK
AHB2
APB2
AHB2
APB1
CRC
GPIO PORT A
GPIO PORT B
GPIO PORT C
GPIO PORT D
GPIO PORT E
OSC_IN
OSC_OUT
SPI3
SCL, SDA, SMBA as AF
USART2
SCL, SDA, SMBA as AF
USART3
RC LS
TIMER6
TIMER 4
SPI2
12bit DAC1
IF
@VDDA
TIMER2
(32-bit/PWM)
PA[15:0]
PB[15:0]
PC[15:0]
MOSI, MISO,
SCK, NSS as AF
4 Channels, ETR as AF
USB_DP, USB_DM
DAC1_CH1 as AF
HCLK
FCLK
USARTCLK
RC HS 8MHz
SRAM
40 KB
ETM
Trace/Trig
SWJTAG
TPIU
Ibus
TRADECLK
TRACED[0-3]
as AF
Dbus
System
GP DMA2
5 channels
12-bit ADC1
12-bit ADC2
Temp. sensor
VREF+
VREF-
TIMER 15
EXT.IT
WKUP
XX AF
1 Channel, 1 Comp
Channel, BRK as AF
1 Channel, 1 Comp
Channel, BRK as AF
4 Channels,
4 Comp channels,
ETR, BRK as AF
GPIO PORT F
PD[15:0]
PE[15:0]
USB SRAM 512B
PF[7:0]
IF
I2CCLK
ADC SAR
1/2/3/4 CLK
@VDDIO
@VDDA
@VSW
XTAL 32kHz
OSC32_IN
OSC32_OUT
VBAT = 1.65V to 3.6V
RTC
AWU
Backup
Reg
(64Byte)
Backup
interface
ANTI-TAMP
TIMER 3
UART4
UART5
I2C1
I2C2
bx CAN &
512B SRAM
USB 2.0 FS
OpAmp1
OpAmp2
@VDDA
INxx / OUTxx
INxx / OUTxx
SYSCFG CTL
GP Comparator 6
GP Comparator 4
GP Comparator 2
CAN TX, CAN RX
4 Channels, ETR as AF
4 Channels, ETR as AF
RX, TX, CTS, RTS, as AF
RX, TX, CTS, RTS, as AF
RX, TX as AF
RX, TX as AF
@VDDA
Xx Ins, 4 OUTs as AF
XX Groups of
4 channels as AF
MOSI, MISO,
SCK, NSS as AF
GP Comparator 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com