Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F303VCT6 Datasheet(PDF) 130 Page - STMicroelectronics

Part # STM32F303VCT6
Description  ARM Cortex-M4 32b MCUFPU, up to 256KB Flash48KB SRAM 4 ADCs, 2 DAC ch., 7 comp, 4 PGA, timers, 2.0-3.6 V operation
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303VCT6 Datasheet(HTML) 130 Page - STMicroelectronics

Back Button STM32F303VCT6 Datasheet HTML 124Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 125Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 126Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 127Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 128Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 129Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 130Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 131Page - STMicroelectronics STM32F303VCT6 Datasheet HTML 132Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 130 / 132 page
background image
Revision history
STM32F302xx/STM32F303xx
130/132
DocID023353 Rev 6
05-Dec-2012
4
Updated first page
Removed references to VDDSDx and VSSSD
Added reference to PM0214 in Section 1
Moved Temp. sensor calibartion values toTable 74 and VREF
calibration values to Table 27
Updated Table 2: STM32F302xx/STM32F303xx family device features
and peripheral counts
UpdatedSection 3.4: Embedded SRAM
Updated Section 3.2: Memory protection unit (MPU)
Updated Section 3.23: Universal serial bus (USB)
Modified Section 3.25: Touch sensing controller (TSC)
Updated heading of Table 6: USART features
Updated Table 11: STM32F302xx/STM32F303xx pin definitions
Added notes to PC13, PC14 and PC15 in Table 11:
STM32F302xx/STM32F303xx pin definitions
Updated Figure 11: Power supply scheme
Modified Table 19: Voltage characteristics
Modified Table 20: Current characteristics
Modified Table 22: General operating conditions
Modified Figure 13: Typical VBAT current consumption (LSE and RTC
ON/LSEDRV[1:0] = ’00’)
Updated Section 6.3.14: I/O port characteristics
Updated Table 28: Typical and maximum current consumption from
VDD supply at VDD = 3.6V and Table 29: Typical and maximum
current consumption from the VDDA supply
Updated Table 30: Typical and maximum VDD consumption in Stop
and Standby modes and Table 31: Typical and maximum VDDA
consumption in Stop and Standby modes
Updated Table 32: Typical and maximum current consumption from
VBAT supply
Added Figure 13: Typical VBAT current consumption (LSE and RTC
ON/LSEDRV[1:0] = ’00’)
Updated Table 33: Typical current consumption in Run mode, code
with data processing running from Flash and Table 34: Typical current
consumption in Sleep mode, code running from Flash or RAM
Added Table 36: Peripheral current consumption
Added Table 35: Switching output I/O current consumption
Updated Section 6.3.6: Wakeup time from low-power mode
Modified ESD absolute maximum ratings
Modified Table 53: Output voltage characteristics
Updated EMI characteristics
Updated Table 54: I/O AC characteristics
Updated Table 51: I/O current injection susceptibility
Updated Table 56: TIMx characteristics
Updated Section 7.2: Thermal characteristics
Added Table 67: Maximum ADC RAIN
Added Table 68: ADC accuracy - limited test conditions
Updated Table 64: ADC accuracy - limited test conditions 2)
Updated Table 70: DAC characteristics
Updated Table 72: Operational amplifier characteristics
Updated figures and tables in Section 7: Package characteristics
Table 81. Document revision history
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com