Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9LPRS365BGLF Datasheet(PDF) 22 Page - Integrated Device Technology

Part # ICS9LPRS365BGLF
Description  64-pin CK505 w/Fully Integrated Voltage Regulator Integrated Series Resistor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9LPRS365BGLF Datasheet(HTML) 22 Page - Integrated Device Technology

Back Button ICS9LPRS365BGLF Datasheet HTML 18Page - Integrated Device Technology ICS9LPRS365BGLF Datasheet HTML 19Page - Integrated Device Technology ICS9LPRS365BGLF Datasheet HTML 20Page - Integrated Device Technology ICS9LPRS365BGLF Datasheet HTML 21Page - Integrated Device Technology ICS9LPRS365BGLF Datasheet HTML 22Page - Integrated Device Technology ICS9LPRS365BGLF Datasheet HTML 23Page - Integrated Device Technology ICS9LPRS365BGLF Datasheet HTML 24Page - Integrated Device Technology ICS9LPRS365BGLF Datasheet HTML 25Page - Integrated Device Technology ICS9LPRS365BGLF Datasheet HTML 26Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
22
Integrated
Circuit
Systems, Inc.
ICS9LPRS365
Advance Information
1218—09/09/09
Byte 8 Device ID and Output Enable Register
Bit
Pin
Name
Description
Type
0
1
Default
7
Device_ID3
R
1
6
Device_ID2
R
1
5
Device_ID1
R
0
4
Device_ID0
R
1
3
Reserved
Reserved
RW
-
-
0
2
Reserved
Reserved
RW
-
-
0
1
SE1_OE
Output enable for SE1
RW
Disabled
Enabled
27_Select
power on
latch
0
SE2_OE
Output enable for SE2
RW
Disabled
Enabled
27_Select
power on
latch
Byte 9 Output Control Register
Bit
Pin
Name
Description
Type
0
1
Default
7
PCIF5 STOP EN
Allows control of PCIF5 with assertion of
PCI_STOP#
RW
Free running
Stops with
PCI_STOP#
assertion
0
6
TME_Readback
Truested Mode Enable (TME) strap status
R
normal operation
no overclocking
0
5
REF Strength
Sets the REF output drive strength
RW
1X (2Loads)
2X (3 Loads)
1
4
Test Mode Select
Allows test select, ignores REF/FSC/TestSel
RW
Outputs HI-Z
Outputs = REF/N
0
3
Test Mode Entry
Allows entry into test mode, ignores FSB/TestMode
RW
Normal operation
Test mode
0
2
IO_VOUT2
IO Output Voltage Select (Most Significant Bit)
RW
1
1
IO_VOUT1
IO Output Voltage Select
RW
0
0
IO_VOUT0
IO Output Voltage Select (Least Significant Bit)
RW
1
Byte 10 Free-Running Control Register
Bit
Pin
Name
Description
Type
0
1
Default
7
27_Selec Latch read
back
Readback of 27_Select latch
R
Dot96/ LCD_SS
/SE
SRC0/ 27MHz
27_Select
latch
6Reserved
Reserved
RW
--
1
5Reserved
Reserved
RW
--
1
4
CPU1_AMT_EN
M1 mode clk enable
RW
Disable
Enable
1
3
Reserved
Reserved
RW
--
1
2
CPU 2 Stop Enable
Enables control of CPU2 with CPU_STOP#
RW
Free Running
Stoppable
1
1
CPU 1 Stop Enable
Enables control of CPU1 with CPU_STOP#
RW
Free Running
Stoppable
1
0
CPU 0 Stop Enable
Enables control of CPU 0 with CPU_STOP#
RW
Free Running
Stoppable
1
Byte 11 Strength Control Register
Bit
Pin
Name
Description
Type
0
1
Default
7
48MHz
RW
1x
2x
0
6
PCIF5
RW
1x
2x
0
5PCI4
RW
1x
2x
0
4PCI3
RW
1x
2x
0
3PCI2
RW
1x
2x
0
2PCI1
RW
1x
2x
0
1PCI0
RW
1x
2x
0
0
Reserved
Reserved
RW
--
0
See Table 3: V_IO Selection
(Default is 0.8V)
Table of Device identifier codes, used for
differentiating between CK505 package options,
etc.
See Device ID Table
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com