Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9LPRS365BGLF Datasheet(PDF) 11 Page - Integrated Device Technology

Part # ICS9LPRS365BGLF
Description  64-pin CK505 w/Fully Integrated Voltage Regulator Integrated Series Resistor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9LPRS365BGLF Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button ICS9LPRS365BGLF Datasheet HTML 7Page - Integrated Device Technology ICS9LPRS365BGLF Datasheet HTML 8Page - Integrated Device Technology ICS9LPRS365BGLF Datasheet HTML 9Page - Integrated Device Technology ICS9LPRS365BGLF Datasheet HTML 10Page - Integrated Device Technology ICS9LPRS365BGLF Datasheet HTML 11Page - Integrated Device Technology ICS9LPRS365BGLF Datasheet HTML 12Page - Integrated Device Technology ICS9LPRS365BGLF Datasheet HTML 13Page - Integrated Device Technology ICS9LPRS365BGLF Datasheet HTML 14Page - Integrated Device Technology ICS9LPRS365BGLF Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
11
Integrated
Circuit
Systems, Inc.
ICS9LPRS365
Advance Information
1218—09/09/09
REF
CPU(1:0)
CPU PLL1
SS
OSC
REF
SRC(11-9,4:3, 7:6)
PLL2
Non-SS
PLL3
SS
7
SRC8/CPU_ITP
PCIF5 (4:0)
SRC2/SATA
27MHz/SRC1/SE(2:1)
SE Outputs
SATA
DOT96MHz
PCI33MHz
SRC
SRC
SR C _M A IN
PCI33MHz
Differential Output
SRC0/DOT96
48MHz
48MHz
CPU
FSLA
CKPWRGD/PD#
PCI_STOP#
CPU_STOP#
CR#_(A:H)
27_Select
TME, ITP_EN
FSLC/TESTSEL
FSLB/TESTMODE
Control
Logic
X1
X2
27MHz_NonSS
ICS9LPRS365 follows Intel CK505 Yellow Cover specification. This clock synthesizer provides a single chip solution for next
generation P4 Intel processors and Intel chipsets. ICS9LPRS365 is driven with a 14.318MHz crystal. It also provides a tight
ppm accuracy output for Serial ATA and PCI-Express support.
General Description
Block Diagram
Power Groups
VDD
GND
49
52
CPUCLK
Low power outputs
55
52
26, 36, 45
23, 29, 42
Low power outputs
39
23, 29, 42
PLL 1
20
19
Low power outputs
16
19
PLL 3
12
11
DOT 96Mhz
Low power outputs
911
61
58
28
USB 48
Xtal, REF
PCICLK
SRCCLK
Pin Number
Description
PLL3/SE
Master Clock, Analog



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com