Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC Datasheet(PDF) 76 Page - Freescale Semiconductor, Inc

Part # MC68HC
Description  Power Saving STOP and WAIT Modes
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC Datasheet(HTML) 76 Page - Freescale Semiconductor, Inc

Back Button MC68HC Datasheet HTML 72Page - Freescale Semiconductor, Inc MC68HC Datasheet HTML 73Page - Freescale Semiconductor, Inc MC68HC Datasheet HTML 74Page - Freescale Semiconductor, Inc MC68HC Datasheet HTML 75Page - Freescale Semiconductor, Inc MC68HC Datasheet HTML 76Page - Freescale Semiconductor, Inc MC68HC Datasheet HTML 77Page - Freescale Semiconductor, Inc MC68HC Datasheet HTML 78Page - Freescale Semiconductor, Inc MC68HC Datasheet HTML 79Page - Freescale Semiconductor, Inc MC68HC Datasheet HTML 80Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 124 page
background image
SERIAL COMMUNICATIONS INTERFACE
7-10
TECHNICAL DATA
Figure 7-3 SCI Baud Rate Diagram
7.7 Status Flags and Interrupts
The SCI transmitter has two status flags. These status flags can be read by software
(polled) to tell when the corresponding condition exists. Alternatively, a local interrupt
enable bit can be set to enable each of these status conditions to generate interrupt
requests when the corresponding condition is present. Status flags are automatically
set by hardware logic conditions, but must be cleared by software, which provides an
interlock mechanism that enables logic to know when software has noticed the status
indication. The software clearing sequence for these flags is automatic — functions
that are normally performed in response to the status flags also satisfy the conditions
of the clearing sequence.
SCI BAUD GENERATOR
÷3
÷4
÷ 13
OSCILLATOR
AND
CLOCK GENERATOR
(÷ 4)
XTAL
EXTAL
E
AS
INTERNAL BUS CLOCK (PH2)
1:1
SCP[1:0]
1:0
0:1
0:0
÷2
0:0:0
÷2
0:0:1
÷2
0:1:0
÷2
0:1:1
÷2
1:0:0
÷2
1:0:1
÷2
1:1:0
1:1:1
÷16
SCI
RECEIVE
BAUD RATE
(16X)
SCR[2:0]
SCI
TRANSMIT
BAUD RATE
(1X)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com