Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC Datasheet(PDF) 97 Page - Freescale Semiconductor, Inc

Part # MC68HC
Description  Power Saving STOP and WAIT Modes
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC Datasheet(HTML) 97 Page - Freescale Semiconductor, Inc

Back Button MC68HC Datasheet HTML 93Page - Freescale Semiconductor, Inc MC68HC Datasheet HTML 94Page - Freescale Semiconductor, Inc MC68HC Datasheet HTML 95Page - Freescale Semiconductor, Inc MC68HC Datasheet HTML 96Page - Freescale Semiconductor, Inc MC68HC Datasheet HTML 97Page - Freescale Semiconductor, Inc MC68HC Datasheet HTML 98Page - Freescale Semiconductor, Inc MC68HC Datasheet HTML 99Page - Freescale Semiconductor, Inc MC68HC Datasheet HTML 100Page - Freescale Semiconductor, Inc MC68HC Datasheet HTML 101Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 124 page
background image
TIMING SYSTEM
TECHNICAL DATA
9-11
polled or interrupt driven system. Each bit of TFLG1 corresponds to a bit in TMSK1 in
the same position.
Clear flags by writing a one to the corresponding bit position(s).
OC1F–OC5F — Output Compare x Flag
Set each time the counter matches output compare x value
I4/O5F — Input Capture 4/Output Compare 5 Flag
Set by IC4 or OC5, depending on the function enabled by I4/O5 bit in PACTL
IC1F–IC3F — Input Capture x Flag
Set each time a selected active edge is detected on the ICx input line
9.3.9 Timer Interrupt Mask 2 Register
Use this 8-bit register to enable or inhibit timer overflow and real-time interrupts. The
timer prescaler control bits are included in this register.
TOI — Timer Overflow Interrupt Enable
0 = TOF interrupts disabled
1 = Interrupt requested when TOF is set to one
RTII — Real-time Interrupt Enable
Refer to 9.4 Real-Time Interrupt.
PAOVI — Pulse Accumulator Overflow Interrupt Enable
Refer to 9.6 Pulse Accumulator.
PAII — Pulse Accumulator Input Edge Interrupt Enable
Refer to 9.6 Pulse Accumulator.
NOTE
Bits in TMSK2 correspond bit for bit with flag bits in TFLG2. Ones in
TMSK2 enable the corresponding interrupt sources.
TFLG1 — Timer Interrupt Flag 1
$0023
Bit 7
654321
Bit 0
OC1F
OC2F
OC3F
OC4F
I4/O5F
IC1F
IC2F
IC3F
RESET:
0000000
0
TMSK2 — Timer Interrupt Mask 2
$0024
Bit 7
654321
Bit 0
TOI
RTII
PAOVI
PAII
0
0
PR1
PR0
RESET:
0000000
0
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com