Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5510 Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part # MPC5510
Description  MPC5510 Microcontroller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5510 Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button MPC5510 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 54 page
background image
Electrical Characteristics
MPC5510 Microcontroller Family Data Sheet, Rev. 3
Freescale Semiconductor
27
2.5
Operating Current Specifications
Table 7. Operating Currents
Num
Characteristic
Symbol
Typ1
25C
Ambient
1 Typ - Nominal voltage levels and functional activity. Max - Maximum voltage levels and functional activity.
Typ1
70C
Ambient
Max1
-40–145C
Junction
Unit
Equations
ITOTAL = IDDE + IPP + IDDA + IDDR
IDDE = IDDE1 + IDDE2 + IDDE3
1VDDE(1,2,3) Current
VDDE(1,2,3) @ 3.0V - 5.5V
Static2, or when in SLEEP or STOP
Dynamic3
2 Static state of pins is when input pins are disabled or not being toggled and driven to a valid input level, output
pins are not toggling or driving against any current loads, and internal pull devices are disabled or not pulling
against any current loads.
3 Dynamic current from pins is application specific and depends on active pull devices, switching outputs, output
capacitive and current loads, and switching inputs. Refer to Table 8 for more information.
IDDE
1
Note 3
3
Note 3
30
Note 3
µA
mA
2VPP Current
VPP @ 0V (All modes)
VPP @ 5.25V
SLEEP mode
STOP mode
RUN mode
IPP
1
15
15
1
1
20
20
1
1
30
30
25
µA
µA
µA
mA
3VDDA Current
VDDA @ 4.5V - 5.25V
RUN mode4
SLEEP/STOP5 mode with 32KIRC
SLEEP/STOP5 mode with 32KOSC
SLEEP/STOP5 mode with 16MIRC
4 RUN mode is a typical application with the ADC, 16MIRC, 32KIRC running.
5 SLEEP/STOP mode means that only the listed peripherals are on. All others are diabled.
IDDA
5
12
12
111
5
16
16
165
10
26
28
225
mA
µA
µA
µA
4VDDR Current
VDDR@ 4.5V - 5.25V
SLEEP mode
with XOSC6 (additonal)
with RTC/API (additonal)
each 8K RAM block (additional)
STOP mode
with XOSC6 (additonal)
RUN mode (Using 16 MHz IRC)
RUN mode (Maximum @ 48 MHz)7
RUN mode (Maximum @ 66 MHz)8
RUN mode (Maximum @ 80MHz)9
6 XOSC: optionally enabled in SLEEP and STOP modes (oscillator remains running from crystal but XOSC clock
output disabled).
7 RUN mode condition includes PLL selected as source of system clock, XOSC enabled with 40MHz crystal, all
peripherals enabled, both cores running, and running a typical application using both SRAM and flash.
IDDR
20
500
1
0.8
170
500
30
50
105
120
25
600
1
7
600
600
35
75
110
130
360
900
3
45
1500
900
40
90
120
135
µA
µA
µA
µA
µA
µA
mA
mA
mA
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com