Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5510 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MPC5510
Description  MPC5510 Microcontroller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5510 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MPC5510 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5510 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
MPC5510 Microcontroller Family Data Sheet, Rev. 3
Pin Assignments and Reset States
Freescale Semiconductor
8
PD6
54
PD6
TXD_A
eMIOS14
GPIO
SCI_A Transmit
eMIOS Channel
I/O
O
O
VDDE1
SH
—
—
98
122
F14
PD7
55
PD7
RXD_A
eMIOS15
GPIO
SCI_A Receive
eMIOS Channel
I/O
I
O
VDDE1
SH
—
—
97
121
F15
PD8
56
PD8
TXD_B
SCL_A
GPIO
SCI_B Transmit
I2C Serial Clock Line
I/O
O
I/O
VDDE1
SH
—
—
94
118
G13
PD9
57
PD9
RXD_B
SDA_A
GPIO
SCI_B Receive
I2C Serial Data Line
I/O
I
I/O
VDDE1
SH
—
—
93
117
F16
PD10
58
PD10
PCS_B2
CNTX_F
NMI0
GPIO
DSPI_B Peripheral Chip Select
CAN_F Transmit
NMI Input for Z1 Core
I/O
O
O
I
VDDE1
SH
—
—
92
116
G14
PD11
59
PD11
PCS_B1
CNRX_F
NMI1
GPIO
DSPI_B Peripheral Chip Select
CAN_F Receive
NMI Input for Z0 Core
I/O
O
I
I
VDDE1
SH
—
—
91
115
G15
PD12
60
PD12
PCS_B0
eMIOS9
GPIO
DSPI_B Peripheral Chip Select
eMIOS Channel
I/O
I/O
O
VDDE1
SH
—
—
90
114
H14
PD13
61
PD13
SCK_B
eMIOS8
GPIO
DSPI_B Clock
eMIOS Channel
I/O
I/O
O
VDDE1
SH
—
—
89
113
H15
PD14
62
PD14
SOUT_B
eMIOS7
GPIO
DSPI_B Data Output
eMIOS Channel
I/O
O
O
VDDE1
SH
—
—
88
110
J14
PD15
63
PD15
SIN_B
eMIOS6
GPIO
DSPI_B Data Input
eMIOS Channel
I/O
I
O
VDDE1
SH
—
—
87
107
K14
Port E (16)
PE0
64
PE0
PCS_A2
eMIOS5
MLBCLK
GPIO
DSPI_A Peripheral Chip Select
eMIOS Channel
MLB Clock
I/O
O
O
I
VDDE1
SH
—
—
86
106
K16
PE1
65
PE1
PCS_A1
eMIOS4
MLBSI /
MLBSIG
GPIO
DSPI_A Peripheral Chip Select
eMIOS Channel
MLB Signal In (5-pin) /
MLB Bi-directional Signal (3-pin)
I/O
O
O
I
I/O
VDDE1
MH
—
—
85
103
L14
PE2
66
PE2
PCS_A0
eMIOS3
MLBDI /
MLBDAT
GPIO
DSPI_A Peripheral Chip Select
eMIOS Channel
MLB Data In (5-pin) /
MLB Bi-directional Data (3-pin)
I/O
I/O
O
I
I/O
VDDE1
MH
—
—
84
101
L15
Table 1. MPC5510 Signal Properties (continued)
Pin
Name
GPIO
(PCR)
Num1
Supported
Functions2
Description
I/O
Type
Voltage3
Pad4
Type
Status
During
Reset5
Status
After
Reset5
Package Pin
Locations
144 176 208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com