Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT56RB27 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT56RB27
Description  TinyPowerTM A/D Type Smart Card OTP MCU with DAC, ISO 7816 and USB Interfaces
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56RB27 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT56RB27 Datasheet HTML 2Page - Holtek Semiconductor Inc HT56RB27 Datasheet HTML 3Page - Holtek Semiconductor Inc HT56RB27 Datasheet HTML 4Page - Holtek Semiconductor Inc HT56RB27 Datasheet HTML 5Page - Holtek Semiconductor Inc HT56RB27 Datasheet HTML 6Page - Holtek Semiconductor Inc HT56RB27 Datasheet HTML 7Page - Holtek Semiconductor Inc HT56RB27 Datasheet HTML 8Page - Holtek Semiconductor Inc HT56RB27 Datasheet HTML 9Page - Holtek Semiconductor Inc HT56RB27 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 153 page
background image
Smart Card Interface .......................................................................118
Interface Pins......................................................................................................118
Card Detection....................................................................................................118
Internal Time Counter
- ETU, GTC, WTC...........................................................119
Elementary Time Unit
- ETU ..............................................................................119
Guard Time Counter
- GTC................................................................................120
Waiting Time Counter
- WTC ............................................................................120
UART Interface...................................................................................................121
Power Control.....................................................................................................122
Smart Card Interrupt Structure............................................................................123
Programming Considerations .............................................................................124
Smart Card Interface Status and Control Registers ............................................124
Configuration Options ....................................................................133
Application Circuits ........................................................................135
Instruction Set .................................................................................136
Introduction.........................................................................................................136
Instruction Timing ...............................................................................................136
Moving and Transferring Data ............................................................................136
Arithmetic Operations .........................................................................................136
Logical and Rotate Operations ...........................................................................136
Branches and Control Transfer ...........................................................................137
Bit Operations.....................................................................................................137
Table Read Operations.......................................................................................137
Other Operations................................................................................................137
Instruction Set Summary ....................................................................................138
Instruction Definition ......................................................................140
Package Information .......................................................................150
SAW Type 40-pin QFN (6mm
´6mm for 0.75mm) Outline Dimensions................151
44-pin LQFP (10mm
´10mm) (FP2.0mm) Outline Dimensions............................152
Rev. 1.20
6
April 26, 2013
Contents



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com