Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT56RB27 Datasheet(PDF) 85 Page - Holtek Semiconductor Inc

Part # HT56RB27
Description  TinyPowerTM A/D Type Smart Card OTP MCU with DAC, ISO 7816 and USB Interfaces
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56RB27 Datasheet(HTML) 85 Page - Holtek Semiconductor Inc

Back Button HT56RB27 Datasheet HTML 81Page - Holtek Semiconductor Inc HT56RB27 Datasheet HTML 82Page - Holtek Semiconductor Inc HT56RB27 Datasheet HTML 83Page - Holtek Semiconductor Inc HT56RB27 Datasheet HTML 84Page - Holtek Semiconductor Inc HT56RB27 Datasheet HTML 85Page - Holtek Semiconductor Inc HT56RB27 Datasheet HTML 86Page - Holtek Semiconductor Inc HT56RB27 Datasheet HTML 87Page - Holtek Semiconductor Inc HT56RB27 Datasheet HTML 88Page - Holtek Semiconductor Inc HT56RB27 Datasheet HTML 89Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 153 page
background image
transmitted or received by the SPI/I
2C interface or an I2C address match occurs, a subroutine call to the
SIM (SPI/I
2C interface) interrupt vector at location 24H or 28H respectively, will take place. When
SIM the interrupt is serviced, the EMI bit will be automatically cleared to disable other interrupts,
however only the MF0F or MF1F interrupt request flag will be reset. As the SIM request flag known as
SIM0F or SIM1F will not be automatically reset, it has to be cleared by the application program.
Multi-function Interrupt
Two additional interrupts known as the Multi-function 0 interrupt and Multi-function 1 interrupt are
provided. Unlike the other interrupts, the interrupt has no independent source, but rather is formed
from several other existing interrupt sources. The Multi-function 0 interrupt contains the SIM0
interrupt, Time Base interrupt, Real Time Clock interrupt, External Peripheral interrupt while the
Multi-function 1 interrupt contains the SIM1 interrupt, Timer 2 overflow interrupt and Timer 3
overflow interrupt.
For a Multi-function interrupt to occur, the global interrupt enable bit, EMI, and the Multi-function
interrupt enable bit, EMF0I or EMF1I, must first be set. An actual Multi-function interrupt will take
place when the Multi-function interrupt request flag, MF0F or MF1F, is set. This will occur when
either a Time Base overflow, a Real Time Clock overflow, SIM0 or SIM 1 interrupt, an External
Peripheral Interrupt, Timer 2 overflow interrupt or Timer 3 overflow interrupt is generated. When the
interrupt is enabled and the stack is not full, and either one of the interrupts contained within the
Multi-function interrupts occurs, a subroutine call to the Multi-function interrupt vector at location
24H or 28H respectively will take place. When the interrupt is serviced, the Multi-Function request
flag, MF0F or MF1F, will be automatically reset and the EMI bit will be automatically cleared to
disable other interrupts. However, it must be noted that the request flags from the original source of the
Multi-function interrupt, namely the Time-Base interrupt, Real Time Clock interrupt, SIM interrupts,
External Peripheral interrupt, Timer 2 overflow interrupt or Timer 3 overflow interrupt will not be
automatically reset and must be manually reset by the application program.
Real Time Clock Interrupt
The Real Time Clock Interrupt is contained within the Multi-function 0 Interrupt.
For a Real Time Clock interrupt to be generated, the global interrupt enable bit, EMI, Real Time Clock
interrupt enable bit, ERTI, and Multi-function 0 interrupt enable bit, EMF0I, must first be set. An
actual Real Time Clock interrupt will take place when the Real Time Clock request flag, RTF, is set, a
situation that will occur when the Real Time Clock overflows. When the interrupt is enabled, the stack
is not full and the Real Time Clock overflows, a subroutine call to the Multi-function 0 interrupt vector
at location 24H, will take place. When the Real Time Clock interrupt is serviced, the EMI bit will be
cleared to disable other interrupts, however only the MF0F interrupt request flag will be reset. As the
RTF flag will not be automatically reset, it has to be cleared by the application program.
Similar in operation to the Time Base interrupt, the purpose of the RTC interrupt is also to provide an
interrupt signal at fixed time periods. The RTC interrupt clock source originates from the internal clock
source fS. This fS input clock first passes through a divider, the division ratio of which is selected by
programming the appropriate bits in the RTCC register to obtain longer RTC interrupt periods whose
HT56RB27
TinyPowerTM A/D Type Smart Card OTP MCU
with DAC, ISO 7816 and USB Interfaces
Rev. 1.20
85
April 26, 2013
f S S o u r c e
C o n f i g u r a t i o n
O p t i o n
f S Y S / 4
L X T
L I R C
D i v i d e b y 2 8 ~ 2 1 5
S e t b y R T C C
R e g i s t e r
f S
R T C I n t e r r u p t
2 1 2 / f S ~ 2 1 5 / f S
R T 2
R T 1
R T 0
RTC Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com