Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADuM5010ARSZ Datasheet(PDF) 10 Page - Analog Devices

Part # ADuM5010ARSZ
Description  The ADuM50101 is an integrated, isolated dc-to-dc converter.
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM5010ARSZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADuM5010ARSZ Datasheet HTML 6Page - Analog Devices ADuM5010ARSZ Datasheet HTML 7Page - Analog Devices ADuM5010ARSZ Datasheet HTML 8Page - Analog Devices ADuM5010ARSZ Datasheet HTML 9Page - Analog Devices ADuM5010ARSZ Datasheet HTML 10Page - Analog Devices ADuM5010ARSZ Datasheet HTML 11Page - Analog Devices ADuM5010ARSZ Datasheet HTML 12Page - Analog Devices ADuM5010ARSZ Datasheet HTML 13Page - Analog Devices ADuM5010ARSZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADuM5010
Data Sheet
Rev. A | Page 10 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
0
5
10
15
20
25
30
35
0
0.020.040.060.08
LOAD CURRENT (A)
VDDP = 5V/VISO = 3.3V
VDDP = 3.3V/VISO = 3.3V
VDDP = 5V/VISO = 5V
Figure 4. Typical Power Supply Efficiency at 5 V/5 V, 5 V/3.3 V, and 3.3 V/3.3 V
0
50
100
150
200
250
300
350
400
450
0
102030
40
IISO (mA)
VDDP = 5V/VISO = 3.3V
VDDP = 3.3V/VISO = 3.3V
VDDP = 5V/VISO = 5V
Figure 5. Typical Total Power Dissipation vs. IISO
0
5
10
15
20
25
30
35
025
50
75
100
IDDP (mA)
VDDP = 5V/VISO = 3.3V
VDDP = 3.3V/VISO = 3.3V
VDDP = 5V/VISO = 5V
Figure 6. Typical Isolated Output Supply Current, IISO, as a Function of
External Load, at 5 V/5 V, 5 V/3.3 V, and 3.3 V/3.3 V
0
0.4
0.2
0.8
0.6
1.0
1.2
1.4
1.8
1.6
2.0
0
0.10
0.05
0.20
0.15
0.25
0.30
0.40
0.45
0.35
0.50
3.03.5
4.04.55.0
5.5
6.0
VDDP INPUT VOLTAGE (V)
POWER DISSIPATION
IDDP
Figure 7. Typical Short-Circuit Input Current and Power vs. VDDP Supply Voltage
(1ms/DIV)
10% LOAD
90% LOAD
Figure 8. Typical VISO Transient Load Response, 5 V Output,
10% to 90% Load Step
(1ms/DIV)
10% LOAD
90% LOAD
Figure 9. Typical Transient Load Response, 3.3 V Input, 3.3 V Output,
10% to 90% Load Step



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com