Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL072BIN Datasheet(PDF) 6 Page - STMicroelectronics

Part # TL072BIN
Description  Low noise JFET dual operational amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL072BIN Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TL072BIN Datasheet HTML 2Page - STMicroelectronics TL072BIN Datasheet HTML 3Page - STMicroelectronics TL072BIN Datasheet HTML 4Page - STMicroelectronics TL072BIN Datasheet HTML 5Page - STMicroelectronics TL072BIN Datasheet HTML 6Page - STMicroelectronics TL072BIN Datasheet HTML 7Page - STMicroelectronics TL072BIN Datasheet HTML 8Page - STMicroelectronics TL072BIN Datasheet HTML 9Page - STMicroelectronics TL072BIN Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Electrical characteristics
TL072, TL072A, TL072B
6/16
Doc ID 2298 Rev 7
Figure 2.
Maximum peak-to-peak output
voltage versus frequency (RL= 2kΩ)
Figure 3.
Maximum peak-to-peak output
voltage versus frequency
(RL= 10kΩ)
Figure 4.
Maximum peak-to-peak output
voltage versus frequency
Figure 5.
Maximum peak-to-peak output
voltage versus free air temperature
Figure 6.
Maximum peak-to-peak output
voltage versus load resistance
Figure 7.
Maximum peak-to-peak output
voltage versus supply voltage
30
25
20
15
10
5
02
4
68
10
12
14
16
R
L = 10 kΩ
Tamb = +25˚C
SUPPLY VOLTAGE ( V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com