Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL072BIN Datasheet(PDF) 14 Page - STMicroelectronics

Part # TL072BIN
Description  Low noise JFET dual operational amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL072BIN Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TL072BIN Datasheet HTML 8Page - STMicroelectronics TL072BIN Datasheet HTML 9Page - STMicroelectronics TL072BIN Datasheet HTML 10Page - STMicroelectronics TL072BIN Datasheet HTML 11Page - STMicroelectronics TL072BIN Datasheet HTML 12Page - STMicroelectronics TL072BIN Datasheet HTML 13Page - STMicroelectronics TL072BIN Datasheet HTML 14Page - STMicroelectronics TL072BIN Datasheet HTML 15Page - STMicroelectronics TL072BIN Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Ordering information
TL072, TL072A, TL072B
14/16
Doc ID 2298 Rev 7
7
Ordering information
Table 6.
Order codes
Order code
Temperature range
Package
Packing
Marking
TL072IN
-40°C, +105°C
DIP8
Tube
TL072IN
TL072AIN
TL072AIN
TL072BIN
TL072BIN
TL072ID
TL072IDT
SO-8
Tube or tape & reel
072I
TL072AID
TL072AIDT
072AI
TL072BID
TL072BIDT
072BI
TL072CN
0°C, +70°C
DIP8
Tube
TL072CN
TL072ACN
TL072ACN
TL072BCN
TL072BCN
TL072CD
TL072CDT
SO-8
Tube or tape & reel
072C
TL072ACD
TL072ACDT
072AC
TL072BCD
TL072BCDT
072BC
TL072IYDT(1)
TL072AIYDT(1)
TL072BIYDT(1)
-40°C, +105°C
SO-8
(Automotive grade)
Tube or tape & reel
072IY
072AIY
072BIY
1.
Qualification and characterization according to AEC Q100 and Q003 or equivalent, advanced screening according to AEC
Q001 & Q 002 or equivalent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com