Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS555CPT Datasheet(PDF) 8 Page - STMicroelectronics

Part # TS555CPT
Description  Low power single CMOS timer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS555CPT Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TS555CPT Datasheet HTML 4Page - STMicroelectronics TS555CPT Datasheet HTML 5Page - STMicroelectronics TS555CPT Datasheet HTML 6Page - STMicroelectronics TS555CPT Datasheet HTML 7Page - STMicroelectronics TS555CPT Datasheet HTML 8Page - STMicroelectronics TS555CPT Datasheet HTML 9Page - STMicroelectronics TS555CPT Datasheet HTML 10Page - STMicroelectronics TS555CPT Datasheet HTML 11Page - STMicroelectronics TS555CPT Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Electrical characteristics
TS555
8/20
Table 7.
Static electrical characteristics
VCC = +5 V, Tamb = +25° C, Reset to VCC (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
ICC
Supply current (no load, high and low states)
Tmin. ≤Tamb ≤Tmax
110
250
250
µA
VCL
Control voltage level
Tmin.≤Tamb ≤Tmax
2.9
2.8
3.3
3.8
3.9
V
VDIS
Discharge saturation voltage (Idis = 10 mA)
Tmin. ≤Tamb≤Tmax
0.2
0.3
0.35
V
IDIS
Discharge pin leakage current
1
100
nA
VOL
Low level output voltage (Isink = 8 mA)
Tmin. ≤Tamb ≤Tmax
0.3
0.6
0.8
V
VOH
High level output voltage (Isource = -2 mA)
Tmin. ≤Tamb ≤Tmax
4.4
4.4
4.6
V
VTRIG
Trigger voltage
Tmin. ≤Tamb ≤Tmax
1.36
1.26
1.67
1.96
2.06
V
ITRIG
Trigger current
10
pA
ITH
Threshold current
10
pA
VRESET
Reset voltage
Tmin. ≤Tamb ≤Tmax
0.4
0.3
1.1
1.5
2.0
V
IRESET
Reset current
10
pA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com